Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC604LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC604LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC604LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC604LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 3
LNA Output IP3 vs. Temperature
LNA Input Return Loss
vs. Temperature @ Vdd= 3V
LNA Input Return Loss
vs. Temperature @ Vdd= 5V
LNA Output IP3 vs. Vdd
-30
-25
-20
-15
-10
-5
0
4.6
4.8
5
5.2
5.4
5.6
5.8
6
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
4.6
4.8
5
5.2
5.4
5.6
5.8
6
+25C
+85C
-40C
FREQUENCY (GHz)
LNA Output Return Loss
vs. Temperature @ Vdd= 3V
LNA Output Return Loss
vs. Temperature @ Vdd= 5V
-30
-25
-20
-15
-10
-5
0
4.6
4.8
5
5.2
5.4
5.6
5.8
6
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
4.6
4.8
5
5.2
5.4
5.6
5.8
6
+25C
+85C
-40C
FREQUENCY (GHz)
16
18
20
22
24
26
28
30
4.6
4.8
5
5.2
5.4
5.6
5.8
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Vdd = 5V
Vdd = 3V
12
14
16
18
20
22
24
26
28
30
4.6
4.8
5
5.2
5.4
5.6
5.8
6
2.7V
3.0V
3.3V
4.5V
5.0V
5.5V
FREQUENCY (GHz)
HMC604LP3 / 604LP3E
v00.0308
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com