Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC615LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC615LP4
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC615LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC615LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 4
Harmonics of LO
nLO spur @ rF Port
LO Freq. (GHz)
1
2
3
4
1
8
13
29
31
1.8
5
23
18
34
2.6
11
12
27
30
3.4
15
16
48
27
4.2
7
18
27
27
5
16
27
38
43
LO = 0 dBm
All values in dBc below input LO level measured at rF port.
Typical Supply Current
Vcc
icc (mA)
+5.0
65 mA
HMC615LP4 / 615LP4E
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 2.3 - 4.0 GHz
v02.1210
Outline Drawing
Absolute Maximum Ratings
RF / IF Input (Vcc= +5V)
+27 dBm
LO Drive (Vcc= +5V)
+10 dBm
BiAs
+7 Vdc
Junction Temperature
150°C
Continuous Pdiss (T = 85°C)
(derate 5.21 mW/°C above 85°C)
0.339 W
Thermal resistance
(junction to ground paddle)
192 °C/W
storage Temperature
-65 to +150°C
Operating Temperature
-40 to +85°C
eLeCTrOsTATiC seNsiTiVe DeViCe
OBserVe HANDLiNG PreCAUTiONs
NOTes:
1. LeADFrAMe MATeriAL: COPPer ALLOY
2. DiMeNsiONs Are iN iNCHes [MiLLiMeTers]
3. LeAD sPACiNG TOLerANCe is NON-CUMULATiVe.
4. PAD BUrr LeNGTH sHALL Be 0.15mm MAxiMUM.
PAD BUrr HeiGHT sHALL Be 0.05mm MAxiMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GrOUND LeADs AND GrOUND PADDLe MUsT Be
sOLDereD TO PCB rF GrOUND.
7. reFer TO HiTTiTe APPLiCATiON NOTe FOr sUGGesTeD
LAND PATTerN.
Part Number
Package Body Material
Lead Finish
MsL rating
Package Marking [3]
HMC615LP4
Low stress injection Molded Plastic[4]
Sn/Pb Solder
MsL1
[1]
H615
xxxx
HMC615LP4e
roHs-compliant Low stress injection Molded Plastic
100% matte sn
MsL1
[2]
H615
xxxx
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number xxxx
[4] For availability of Non-roHs HMC615LP4 products please contact Hittite Microwave sales directly.
Package Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com