Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC616LP3E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC616LP3E
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC616LP3E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC616LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC616LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC616LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC616LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC616LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC616LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC616LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC616LP3E Datasheet HTML 9Page - Hittite Microwave Corporation HMC616LP3E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 9
pin Number
function
Description
interface schematic
1, 3 - 5, 7, 9,
10, 12 - 14, 16
N/C
No connection required. These pins may be connected
to rf/DC ground without affecting performance.
2
rfiN
This pin is DC coupled. DC blocking capacitor
required. see application circuit.
6
GND
This pin and ground paddle must
be connected to rf/DC ground.
11
rfoUT
This pin is matched to 50 ohms.
8
res
This pin is used to set the DC current of the amplifier by
selection of external bias resistor. see application circuit.
15
Vdd
power supply Voltage. Choke inductor and bypass capacitors
are required. see application circuit.
Pin Descriptions
Application Circuit
HMC616LP3 / 616LP3E
v02.0610
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 175 - 660 MHz
Components for Selected Frequencies
Tuned frequency
175 - 230 mHz
230 - 660 mHz
rbias
2.0k ohms
3.92k ohms
l1
82 nH
47 nH
l2
82 nH
51 nH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com