Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC618LP3 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC618LP3
Description  GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC618LP3 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC618LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 2
Electrical Specifications
T
A = +25° C, Rbias = 10K Ohm for Vdd1 = Vdd2 = 3V
parameter
Vdd = 3 Vdc
Units
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
frequency range
1200 - 1700
1700 - 2000
2000 - 2200
mHz
Gain
18
22
15
18
12.5
15.8
dB
Gain Variation over Temperature
0.009
0.009
0.009
dB/°C
Noise figure
0.8
1.1
0.9
1.2
0.9
1.2
dB
input return loss
26
17
19
dB
output return loss
14
13
11
dB
output power for 1 dB
Compression (p1dB)
10
15
12
15
13
15
dBm
saturated output power (psat)
16
16
16
dBm
output Third order intercept (ip3)
28
28
28
dBm
supply Current (idd)
47
65
47
65
47
65
mA
* rbias resistor sets current, see application circuit herein
Broadband Gain & Return Loss [1] [2]
Gain vs. Temperature [1]
-25
-15
-5
5
15
25
0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6 2.8
3
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
S21
S22
S11
12
14
16
18
20
22
24
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25C
+85C
- 40C
FREQUENCY (GHz)
Input Return Loss vs. Temperature [1]
Gain vs. Temperature [2]
10
12
14
16
18
20
22
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25C
+85C
- 40C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25C
+85C
- 40C
FREQUENCY (GHz)
[1] Vdd = 5V, rbias = 470 ohm [2] Vdd = 3V, rbias = 10K ohm
HMC618LP3 / 618LP3E
v08.1210
GaAs SMT pHEMT LOW NOISE
AMPLIFIER, 1.2 - 2.2 GHz
1700 to 2200 MHz Tune



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com