Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC628LP4E Datasheet(PDF) 13 Page - Hittite Microwave Corporation

Part # HMC628LP4E
Description  BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC628LP4E Datasheet(HTML) 13 Page - Hittite Microwave Corporation

Back Button HMC628LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC628LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC628LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC628LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC628LP4E Datasheet HTML 10Page - Hittite Microwave Corporation HMC628LP4E Datasheet HTML 11Page - Hittite Microwave Corporation HMC628LP4E Datasheet HTML 12Page - Hittite Microwave Corporation HMC628LP4E Datasheet HTML 13Page - Hittite Microwave Corporation HMC628LP4E Datasheet HTML 14Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
12 - 46
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC628LP4 / 628LP4E
v07.0410
BiCMOS MMIC 5-Bit DIGITAL
VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
Application Circuit
Tuned Frequency
50 - 250 MHz
250 - 500 MHz
500 - 800 MHz
Evaluation Board P/N
118415
120101
120102
C6
1 nF
33 pF
33 pF
L3
0 Ohms
15 nH
12 nH
C14
N/A
4.7 pF
1.5 pF
Components For Selected Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com