Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC643 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC643
Description  GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC643 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC643 Datasheet HTML 1Page - Hittite Microwave Corporation HMC643 Datasheet HTML 2Page - Hittite Microwave Corporation HMC643 Datasheet HTML 3Page - Hittite Microwave Corporation HMC643 Datasheet HTML 4Page - Hittite Microwave Corporation HMC643 Datasheet HTML 5Page - Hittite Microwave Corporation HMC643 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
3 - 20
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC643
GaAs MMIC 6-BIT DIGITAL
PHASE SHIFTER, 9 - 12 GHz
v01.0707
General Description
Features
Functional Diagram
The
HMC643
is
a
6-bit
digital
phase
shifter
die which is rated from 9 to 12 GHz, providing 360
degrees of phase coverage, with a LSB of 5.625
degrees. The HMC643 features very low RMS phase
error of 3.5 degrees and extremely low insertion
loss variation of ±0.6 dB across all phase states.
This high accuracy phase shifter is controlled with
complementary logic of 0/-3V, and requires no fixed
bias voltage and is internally matched to 50 Ohms
with no external components. Simple external level
shifting circuitry can be used to convert a positive
CMOS control voltage into complementary negative
control signals.
Low RMS Phase Error: 3.5°
Low Insertion Loss: 6.5 dB
High Linearity: +38 dBm
360° Coverage, LSB = 5.625°
Die Size: 2.75 x 0.99 x 0.1 mm
Electrical Specifications, T
A = +25° C, 50 Ohm System, Control Voltage = 0/-3V
Typical Applications
The HMC643 is ideal for:
• EW Receivers
• Weather & Military Radar
• Satellite Communications
• Beamforming Modules
• Phase Cancellation
Parameter
Min.
Typ.
Max.
Units
Frequency Range
9
12
GHz
Insertion Loss*
6.5
10.0
dB
Input Return Loss*
15
dB
Output Return Loss*
12
dB
Phase Error*
±7
-10 / +15
deg
RMS Phase Error
3.5
deg
Insertion Loss Variation*
±0.6
dB
Input Power for 1 dB Compression
22
dBm
Input Third Order Intercept
38
dBm
Control Voltage Current
<1
μA
*Note: Major States Shown


Similar Part No. - HMC643

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC643 HITTITE-HMC643 Datasheet
330Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC643LC5 HITTITE-HMC643LC5 Datasheet
330Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC643LC5 HITTITE-HMC643LC5 Datasheet
455Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC643LC5 HITTITE-HMC643LC5_08 Datasheet
330Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
More results

Similar Description - HMC643

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC642LC5 HITTITE-HMC642LC5 Datasheet
362Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12.5 GHz
HMC643 HITTITE-HMC643 Datasheet
330Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC643LC5 HITTITE-HMC643LC5 Datasheet
455Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC649LP6 HITTITE-HMC649LP6 Datasheet
349Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC642 HITTITE-HMC642_09 Datasheet
229Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12.5 GHz
HMC642LC5 HITTITE-HMC642LC5_08 Datasheet
272Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12.5 GHz
HMC643LC5 HITTITE-HMC643LC5_08 Datasheet
330Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC649 HITTITE-HMC649_09 Datasheet
221Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649LP6 HITTITE-HMC649LP6_08 Datasheet
276Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Analog Devices
HMC649ALP6E AD-HMC649ALP6E Datasheet
448Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com