Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC646LP2 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC646LP2
Description  GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC646LP2 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC646LP2 Datasheet HTML 1Page - Hittite Microwave Corporation HMC646LP2 Datasheet HTML 2Page - Hittite Microwave Corporation HMC646LP2 Datasheet HTML 3Page - Hittite Microwave Corporation HMC646LP2 Datasheet HTML 4Page - Hittite Microwave Corporation HMC646LP2 Datasheet HTML 5Page - Hittite Microwave Corporation HMC646LP2 Datasheet HTML 6Page - Hittite Microwave Corporation HMC646LP2 Datasheet HTML 7Page - Hittite Microwave Corporation HMC646LP2 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 217
Input IP3 vs. Voltage with 915 MHz Tuning
Return Loss with 915 MHz Tuning
Insertion Loss vs. Temperature,
Tx with 915 MHz Tuning
Isolation with 915 MHz Tuning
Insertion Loss vs. Temperature,
Rx with 915 MHz Tuning
v02.1009
HMC646LP2 / 646LP2E
GaAs MMIC 40W FAILSAFE
SWITCH, 0.1 - 2.1 GHz
-2
-1.5
-1
-0.5
0
0.8
0.85
0.9
0.95
1
+25C
+85C
-40C
FREQUENCY (GHz)
-2
-1.75
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.8
0.85
0.9
0.95
1
+25C
+85C
-40C
FREQUENCY (GHz)
-40
-30
-20
-10
0
0.8
0.85
0.9
0.95
1
Tx, Input
Tx, Output
Rx, Input
Rx, Output
FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
0.8
0.85
0.9
0.95
1
RFC to Tx
RFC to RX
FREQUENCY (GHz)
25
30
35
40
45
50
55
60
65
70
75
34
56
78
Tx
Rx
VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com