Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC666LP4E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC666LP4E
Description  BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC666LP4E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC666LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 7
Evaluation PCB
The circuit board used in the application should use
RF circuit design techniques. Signal lines should
have 50 Ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation circuit board shown is available from Hit-
tite upon request.
Item
Description
J1 - J3
SMA Connector
J4 - J7
DC Pin
C19
22 pF Capacitor, 0402 Pkg.
C7, C8
10 nF Capacitor, 0402 Pkg.
C10, C12, C16, C18
1 nF Capacitor, 0402 Pkg.
C11, C15, C17, C21
0.1 µF Capacitor, 0402 Pkg.
C1
0.4 pF Capacitor, 0402 Pkg.
C20
4.7 µF Case A, Tantalum
L1
2.2 nH Inductor, 0402 Pkg.
R1 - R4
0 Ohm Resistor, 0402 Pkg.
R9
200 Ohm Resistor, 0603 Pkg.
T1
1:1 Transformer - Tyco MABACT0039
U1
HMC666LP4(E) Double Balanced Mixer
PCB [2]
118162 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Arlon 25R, FR4
List of Materials for Evaluation PCB 120818 [1]
HMC666LP4 / 666LP4E
v02.1010
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 3.1 - 3.9 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com