Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

668LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 668LP3E
Description  GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 700 - 1200 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

668LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  668LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 668LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 668LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 668LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 668LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 668LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 668LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 668LP3E Datasheet HTML 8Page - Hittite Microwave Corporation 668LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 3
HMC668LP3 / 668LP3E
v03.0610
GaAs PHEMT MMIC LNA w/
FAILSAFE BYPASS MODE, 700 - 1200 MHz
LNA - Reverse Isolation vs. Temperature [1]
LNA - Output P1dB vs. Temperature [2]
LNA - Output P1dB, Gain &
Noise Figure [3] vs. Vdd @ 900 MHz
LNA - Output P1dB vs. Temperature [1]
[1] Vdd = 5V
[2] Vdd = 3V
[3] measurement reference plane shown on evaluation pCB drawing.
4
6
8
10
12
14
16
18
20
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
-40C
FREQUENCY (GHz)
4
6
8
10
12
14
16
18
20
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
-40C
FREQUENCY (GHz)
10
12
14
16
18
20
0.6
0.7
0.8
0.9
1
1.1
3
3.5
4
4.5
5
P1dB
Gain
NF
Voltage Supply (V)
-40
-35
-30
-25
-20
-15
-10
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
-40C
FREQUENCY (GHz)
LNA - Gain, P1dB,
Output IP3 vs. Current [2] @ 900 MHz
LNA - Gain, P1dB,
Output IP3 vs. Current [1] @ 900 MHz
8
10
12
14
16
18
26
30
34
38
42
46
35
40
45
50
55
60
Idd (mA)
IP3
Gain
P1dB
6
8
10
12
14
16
20
24
28
32
36
40
15
20
25
30
35
Idd (mA)
IP3
Gain
P1dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com