Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC682LP6C Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC682LP6C
Description  HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC682LP6C Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC682LP6C Datasheet HTML 1Page - Hittite Microwave Corporation HMC682LP6C Datasheet HTML 2Page - Hittite Microwave Corporation HMC682LP6C Datasheet HTML 3Page - Hittite Microwave Corporation HMC682LP6C Datasheet HTML 4Page - Hittite Microwave Corporation HMC682LP6C Datasheet HTML 5Page - Hittite Microwave Corporation HMC682LP6C Datasheet HTML 6Page - Hittite Microwave Corporation HMC682LP6C Datasheet HTML 7Page - Hittite Microwave Corporation HMC682LP6C Datasheet HTML 8Page - Hittite Microwave Corporation HMC682LP6C Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
9
9 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Single Channel:
Conversion Gain vs. Temperature
Single Channel: Isolation
Single Channel: Return Loss
Single Channel:
Conversation Gain vs. LO Drive
HMC682LP6C / 682LP6CE
v00.0308
HIGH IP3 DUAL CHANNEL
DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
0
2
4
6
8
10
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
RF1
LO1 LO_SEL 0V
LO1 LO_SEL +5V
FREQUENCY (GHz)
0
2
4
6
8
10
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
-3 dBm
0 dBm
+3 dBm
FREQUENCY (GHz)
-45
-40
-35
-30
-25
-20
-15
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
RF/IF
LO/RF
LO/IF
FREQUENCY (GHz)
Single Channel: IF Bandwidth
Single Channel:
Input P1dB vs. Temperature
0
5
10
15
20
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-20
-15
-10
-5
0
5
10
0
0.1
0.2
0.3
0.4
0.5
IF Return Loss
Conversion Gain
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com