Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC686LP4E Datasheet(PDF) 13 Page - Hittite Microwave Corporation

Part # HMC686LP4E
Description  BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1500 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC686LP4E Datasheet(HTML) 13 Page - Hittite Microwave Corporation

Back Button HMC686LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC686LP4E Datasheet HTML 10Page - Hittite Microwave Corporation HMC686LP4E Datasheet HTML 11Page - Hittite Microwave Corporation HMC686LP4E Datasheet HTML 12Page - Hittite Microwave Corporation HMC686LP4E Datasheet HTML 13Page - Hittite Microwave Corporation HMC686LP4E Datasheet HTML 14Page - Hittite Microwave Corporation HMC686LP4E Datasheet HTML 15Page - Hittite Microwave Corporation HMC686LP4E Datasheet HTML 16Page - Hittite Microwave Corporation HMC686LP4E Datasheet HTML 17Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 13
HMC686LP4 / 686LP4E
v05.0509
BiCMOS MIXER W/ INTEGRATED
LO AMPLIFIER, 700 - 1500 MHz
Evaluation PCB - 0.7 - 1.1 GHz RF Band
The circuit board used in the application should use
rF circuit design techniques. signal lines should
have 50 Ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation circuit board shown is available from Hit-
tite upon request.
item
Description
J1 - J3
sMA Connector
J4 - J7
DC Pin
C1, C19
22 pF Capacitor, 0402 Pkg.
C4
6.8 pF Capacitor, 0402 Pkg.
C7, C8
10 nF Capacitor, 0402 Pkg.
C10, C12, C16, C18
1 nF Capacitor, 0402 Pkg.
C11, C15, C17, C21
0.1 µF Capacitor, 0603 Pkg.
C20
4.7 µF Case A, Tantalum
r2 - r4
0 Ohm resistor, 0402 Pkg.
r5
68 Ohm resistor, 0402 Pkg.
r9
330 Ohm resistor, 0603 Pkg.
T1
1:1 Transformer - Tyco MABACT0039
U1
HMC686LP4(e) Downconverter
PCB [2]
118162 evaluation PCB
[1] reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Arlon 25r, Fr4
List of Materials for Evaluation PCB 119936 [1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com