Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC698LP5 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC698LP5
Description  7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC698LP5 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC698LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 4
Typical DC Characteristics @ Vcc = +5V
symbol
Characteristics
+25C
Units
Min.
Typ.
Max.
Icc
Power supply
Current
280
310
340
mA
Voh
Output high
Voltage, (NU, ND)
5
5
5
V
Vol
Output Low
Voltage, (NU, ND)
2.9
3.0
3.1
V
Absolute Maximum Ratings
RF Input (Vcc= +5V)
+10 dBm
supply Voltage (Vcc)
+5.5V
Logic Inputs
-0.5V to (0.5V + Vcc)
Junction Temperature (Tc)
135 °C
Continuous Pdiss (T = 85 °C)
(derate 78 mW/° C above 85 °C)
3.9 W
Thermal Resistance
(Junction to ground paddle)
12.90 °C/W
storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Typical Supply Current vs. Vcc
Vcc (Vdc)
Icc (mA)
4.75
294
5.00
310
5.25
342
Note: hMC698LP5 will work over full voltage range above.
ELECTROsTATIC sENsITIVE DEVICE
OBsERVE hANDLING PRECAUTIONs
HMC698LP5 / 698LP5E
v03.0709
7 GHz INTEGER N SYNTHESIZER
(N = 12 - 259)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com