Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC712LP3CE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC712LP3CE
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC712LP3CE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC712LP3CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 2
Attenuation vs. Vctrl2
Over Temperature @ 10 GHz, Vctrl1 = 0V
Attenuation vs. Frequency over Vctrl
Vctrl1 = Variable, Vctrl2 = -3V
Attenuation vs. Vctrl1
Over Temperature @ 10 GHz, Vctrl2 = -3V
Attenuation vs. Pin @ 10 GHz
Vctrl1 = Variable, Vctrl2 = -3V
HMC712LP3CE
v04.0410
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, 5 - 26.5 GHz
Attenuation vs. Frequency over Vctrl
Vctrl1 = 0V, Vctrl2 = Variable
-50
-40
-30
-20
-10
0
2
6
10
14
18
22
26
30
-3.0 V
-1.8 V
-1.4 V
-0.8 V
0.0 V
FREQUENCY (GHz)
-15
-10
-5
0
2
6
10
14
18
22
26
30
-3.0 V
-1.6 V
-1.2 V
-0.6 V
0.0 V
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
-3
-2.5
-2
-1.5
-1
-0.5
0
+25 C
+85 C
-40 C
Vctrl1 (V)
-35
-30
-25
-20
-15
-10
-5
0
-3
-2.5
-2
-1.5
-1
-0.5
0
+25 C
+85 C
-40 C
Vctrl2 (V)
-12
-10
-8
-6
-4
-2
0
0
5
10
15
20
-3.0 V
-1.8 V
-1.4 V
-1.0 V
-0.4
0.0 V
INPUT POWER (dBm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com