Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

718LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 718LP4E
Description  GaAs PHEMT MMIC HIGH IP3 LOW NOISE AMPLIFIER, 0.6 - 1.4 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

718LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  718LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 8Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 3
P1dB vs. Temperature [1] [2]
Psat vs. Temperature [1] [2]
HMC718LP4 / 718LP4E
v01.1008
GaAs PHEMT MMIC HIGH IP3
LOW NOISE AMPLIFIER, 0.6 - 1.4 GHz
Output IP3 and Idd vs.
Supply Voltage @ 700 MHz [3]
Output IP3 vs. Temperature [1] [2]
Noise Figure vs. Temperature [1] [2]
Output IP3 and Idd vs.
Supply Voltage @ 1300 MHz [3]
[1] Vdd = 5V, rbias = 3.92K [2] Vdd = 3V, rbias = 3.92K
[3] rbias = 3.92K
15
20
25
30
35
40
45
0
50
100
150
200
250
300
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
IP3
Idd1
Idd2
VOLTAGE SUPPLY (V)
15
20
25
30
35
40
45
0
50
100
150
200
250
300
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
IP3
Idd1
Idd2
VOLTAGE SUPPLY (V)
12
14
16
18
20
22
24
26
0.5
0.7
0.9
1.1
1.3
1.5
+25C
+85C
-40C
FREQUENCY (GHz)
Vdd=5V
Vdd=3V
12
14
16
18
20
22
24
26
0.5
0.7
0.9
1.1
1.3
1.5
+25C
+85C
-40C
FREQUENCY (GHz)
Vdd=5V
Vdd=3V
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.5
0.7
0.9
1.1
1.3
1.5
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
+85C
+25C
-40C
25
30
35
40
45
50
0.5
0.7
0.9
1.1
1.3
1.5
+25C
+85C
-40C
FREQUENCY (GHz)
Vdd=5V
Vdd=3V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com