Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC724LC3C Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC724LC3C
Description  14 Gbps FAST RISE TIME 1:2 FANOUT BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC724LC3C Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC724LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC724LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC724LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC724LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC724LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC724LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC724LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC724LC3C Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 5
Absolute Maximum Ratings
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Outline Drawing
HMC724LC3C
v03.1010
14 Gbps FAST RISE TIME
1:2 FANOUT BUFFER
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA
2. LEAD AND GROUND PADDLE PLATING:
30-80 MICROINCHES GOLD OVER 50 MICROINCHES MINIMUM NICKEL.
3. DIMENSIONS ARE IN INCHES [MILLIMETERS].
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
5. PACKAGE WARP SHALL NOT EXCEED 0.05 mm DATUM -C-
6. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
7. PADDLE MUST BE SOLDERED TO GND.
Power Supply Voltage (Vee)
-3.75 V to +0.5 V
Input Signals
-2 V to +0.5 V
Output Signals
-1.5 V to +1 V
Continuous Pdiss (T = 85 °C)
(derate 17 mW/°C above 85 °C)
0.68 W
Thermal Resistance (Rth j-p) Worst
case junction to package paddle
59 °C/W
Maximum Junction Temperature
125 °C
Storage Temperature
-65 °C to +150 °C
Operating Temperature
-40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com