Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

738LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 738LP4E
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-16, 20.9 - 23.9 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

738LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  738LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 738LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 738LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 738LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 738LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 738LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 3
Absolute Maximum Ratings
Vcc (RF), Vcc (DIG)
+5.5V
Vtune
0 to +15V
Junction Temperature
135
° C
Continuous Pdiss (T= 85
°C)
(derate 23 mW/
° above 85 °C)
1.2 W
Thermal Resistance
(junction to ground paddle)
43
°C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
4.75
175
5.0
200
5.25
220
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
RFOUT/2 Frequency
vs. Tuning Voltage, Vcc= +5V
Divide-by-16 Frequency
vs. Tuning Voltage, Vcc= +5V
RFOUT/2 Output Power
Power vs. Tuning Voltage, Vcc= +5V
Divide-by-16 Output Power
vs. Tuning Voltage, Vcc= +5V
HMC738LP4 / 738LP4E
v02.0309
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-16, 20.9 - 23.9 GHz
9
9.5
10
10.5
11
11.5
12
12.5
13
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
-3
-2
-1
0
1
2
3
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
1.1
1.2
1.3
1.4
1.5
1.6
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
-5
-4.5
-4
-3.5
-3
-2.5
-2
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com