Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC750LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC750LP4
Description  12.5 Gbps LIMITING AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC750LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC750LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 2
HMC750LP4 / 750LP4E
v03.0111
12.5 Gbps LIMITING AMPLIFIER
parameter
Conditions
min.
typ.
max.
Units
rise time
20% - 80%
23
27
ps
fall time
20% - 80%
21
23
ps
Data Output swing
Differential Output swing.
VC1 = 3V for maximum output swing.
850
880
mVp-p
input return loss
up to 10 gHz
15
dB
Output return loss
up to 10 gHz
8
dB
input sensitivity
2
mVp-p
maximum input swing
1200
mVp-p
Output Offset Voltage
VC1 = 3V for maximum output swing
3
mV
VC1
2
3
V
Vout DC
4.5
4.8
V
[1] Deterministic jitter measured at 10 gbps with prBs 223-1 pattern. it is the peak to peak deviation from the ideal time crossing
[2] random jitter is measured with 10 gbps 10101… pattern
Electrical Specifications (Conditions)
Differential Output vs. Supply Voltage [1]
Differential Output vs. Control Voltage [2]
0
200
400
600
800
1000
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
+25C
+85C
-40C
SUPPLY VOLTAGE Vcc (V)
0
200
400
600
800
1000
1200
2.1
2.3
2.5
2.7
2.9
3.1
+25C
+85C
-40C
CONTROL VOLTAGE VC1 (V)
[1] VC1 = 2.5V [2] Vcc = 5V [3] input Data rate = 10 gbps
Differential Output vs. Vinput [1][2]
RMS Jitter vs. Vinput [1][2][3]
0
100
200
300
400
500
600
0.1
1
10
100
1000
Vin (mV)
0
1
2
3
4
5
6
0
100
200
300
400
500
600
Vin (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com