Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC792LP4E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC792LP4E
Description  0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC792LP4E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC792LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC792LP4E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 9
Evaluation PCB
The circuit board used in the final application
should use RF circuit design techniques. Signal
lines should have 50 Ohm impedance while the
package ground leads and exposed paddle should
be connected directly to the ground plane similar
to that shown. A sufficient number of via holes
should be used to connect the top and bottom
ground planes. The evaluation circuit board shown
is available from Hittite upon request.
List of Materials for Evaluation PCB 118853 [1]
Item
Description
J1, J2
PCB Mount SMA Connector
J3
18 Pin DC Connector
J4
DC Pin
C1, C2
100 pF Capacitor, 0402 Pkg.
C3
1000 pF Capacitor, 0402 Pkg.
C4 - C6
330 pF Capacitor, 0402 Pkg.
U1
HMC792LP4E Digital Attenuator
PCB [2]
118852 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Arlon 25FR or Rogers 4350
HMC792LP4E
v00.0609
0.25 dB LSB GaAs MMIC 6-BIT
DIGITAL ATTENUATOR, DC - 6 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com