Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC797LP5E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC797LP5E
Description  GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC797LP5E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC797LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC797LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC797LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC797LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC797LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC797LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC797LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC797LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC797LP5E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 9
HMC797LP5E
v02.0811
GaAs pHEMT MMIC
1 WATT POWER AMPLIFIER, DC - 22 GHz
Evaluation PCB
List of Materials for Evaluation PCB 130784 [1]
item
Description
J1, J2
smA Connectors
J3, J4
DC pins
C1 - C4
100 pf Capacitor, 0402 pkg.
C5, C8
10 kpf Capacitor, 0402 pkg.
C9 - C11
4.7 µf Capacitor, Tantalum
r1, r2
0 oHm resistor, 0402 pkg
U1
HmC797lp5e power Amplifier
pCB [2]
127135 evaluation pCB
[1] reference this number when ordering complete evaluation pCB
[2] Circuit Board material: rogers 4350 or Arlon fr4
The circuit board used in the application should
use rf circuit design techniques. signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation board should be mounted to an
appropriate heat sink. The evaluation circuit board
shown is available from Hittite upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com