Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC862LP3E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC862LP3E
Description  0.1 - 15 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 2, 4, 8)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC862LP3E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC862LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 9Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 9
HMC862LP3E
v03.1210
0.1 - 15 GHz LOW NOISE PROGRAMMABLE
DIVIDER (N = 1, 2, 4, 8)
Evaluation PCB
List of Materials for Evaluation PCB 119351 [1]
item
Description
J1 - J3
PcB Mount sMA-F rF connector
J4
Dc connector Header, Molex 2mm
c1 - c4
Atc530L, 100 nF, 16v, Broadband capacitor, 0402 Pkg.
c5, c6
1000 pF capacitor, 0402 Pkg.
c7, c8
4.7 µF capacitor, tantalum, 1206 Pkg.
r1 - r3
10 kohm resistor, 0402 Pkg.
vcc1, vcc2
Mill-Max 0.040" Dia. Pc Pin, 3101-2-00-21-00-00-08-0
u1
HMc862LP3e, Programmable Divider
PcB [2]
119349 evaluation Board
[1] reference this number when ordering complete evaluation PcB
[2] circuit Board Material: rogers 4350 or Arlon 25Fr
the circuit board used in the application should
use rF circuit design techniques. signal lines
should have 50 ohm impedance while the package
ground leads and backside ground paddle should be
connected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
the evaluation circuit board shown is available from
Hittite upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com