Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC910LC4B Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC910LC4B
Description  BROADBAND ANALOG TIME DELAY, DC - 24 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC910LC4B Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC910LC4B Datasheet HTML 1Page - Hittite Microwave Corporation HMC910LC4B Datasheet HTML 2Page - Hittite Microwave Corporation HMC910LC4B Datasheet HTML 3Page - Hittite Microwave Corporation HMC910LC4B Datasheet HTML 4Page - Hittite Microwave Corporation HMC910LC4B Datasheet HTML 5Page - Hittite Microwave Corporation HMC910LC4B Datasheet HTML 6Page - Hittite Microwave Corporation HMC910LC4B Datasheet HTML 7Page - Hittite Microwave Corporation HMC910LC4B Datasheet HTML 8Page - Hittite Microwave Corporation HMC910LC4B Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
13
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
13 - 1
HMC910LC4B
BROADBAND ANALOG
TIME DELAY, DC - 24 GHz
v02.0910
General Description
Features
Functional Diagram
the HmC910lC4B is a broadband time delay with
0 to 70 ps continuously adjustable delay range. the
delay control is linearly monotonic with respect to
the control voltage, VdC and the control input has a
modulation bandwidth of 10 mHz. the device provides
a differential output voltage with constant amplitude
for single-ended or differential input voltages above
the input sensitivity level, while the output voltage
swing may be adjusted using the VaC control pin.
the HmC910lC4B features internal temperature
compensation and bias circuitry to minimize delay
variations with temperature. the device also features
an enable pin, enB. all rF input and outputs of the
HmC910lC4B are internally terminated with 50 ohms
to Vcc, and may either be aC or dC coupled. output
pins can be connected directly to a 50 ohm to Vcc
terminated system, while dC blocking capacitors must
be used if the terminated system input is 50 ohms to a
dC voltage other than Vcc.
Very Wide Bandwidth: dC - 24 gHz
Continuous adjustable delay range: 70 ps
Single-ended or differential operation
adjustable differential output Voltage
Swing: 170 - 760 mVp-p @ 24 gHz
delay Control modulation Bandwidth: 10 mHz
Single Supply: +3.3V
24 lead Ceramic 4x4mm Smt Package: 16mm²
Electrical Specifications, T
A = +25° C, Vcc = 3.3V, Vee = 0V, GND = 0V
Typical Applications
the HmC910lC4B is ideal for:
• Synchronization of clock and data
• transponder design
• Serial data transmission up to 32 gbps
• Broadband test & measurement
• rF ate applications
Parameter
Conditions
min.
typ.
max.
Units
Power Supply Voltage
± %9 tolerance
3
3.3
3.6
V
Power Supply Current
VaC = 2.6V
400
475
550
ma
time delay range
@ 10 gHz
59
62.5
ps
@ 20 gHz
63
66.5
ps
@ 24 gHz
67
70.5
ps
maximum data rate
32
gbps
maximum Clock Frequency
24
gHz
delay Control modulation Bandwidth
10
mHz
delay Control Voltage (VdC)
1.1
2.3
V
output amplitude Control Voltage (VaC)
1.7
2.6
2.7
V


Similar Part No. - HMC910LC4B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC910LC4B AD-HMC910LC4B Datasheet
1Mb / 10P
BROADBAND ANALOG TIME DELAY
More results

Similar Description - HMC910LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC877LC3 HITTITE-HMC877LC3 Datasheet
936Kb / 12P
BROADBAND TIME DELAY & PHASE SHIFTER SMT, 8 - 23 GHz
HMC877LC3 HITTITE-HMC877LC3_12 Datasheet
1Mb / 12P
BROADBAND TIME DELAY & PHASE SHIFTER
logo
Rohm
BD5225G-TR ROHM-BD5225G-TR Datasheet
474Kb / 16P
Free Delay Time Setting Free Delay Time Setting
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
time-delay fuses
logo
Analog Devices
HMC877LC3 AD-HMC877LC3 Datasheet
972Kb / 14P
BROADBAND TIME DELAY & PHASE SHIFTER
HMC910LC4B AD-HMC910LC4B Datasheet
1Mb / 10P
BROADBAND ANALOG TIME DELAY
HMC911 AD-HMC911 Datasheet
1Mb / 13P
Broadband Analog Time Delay to 24 GHz
10/2016-Rev. v02.0614 to Rev. B
logo
Schneider Electric
RE7ML11BU SCHNEIDER-RE7ML11BU Datasheet
360Kb / 19P
time delay relay 6 functions - 0.05..1 s - 24 V AC DC - 1OC
Mar 4, 2021
RE7MY13BU SCHNEIDER-RE7MY13BU Datasheet
388Kb / 12P
time delay relay 8 functions - 0.05..1 s - 24 V AC DC - 2OC
Sep 14, 2021
XPSAV11113 SCHNEIDER-XPSAV11113 Datasheet
140Kb / 3P
module XPSAV - Emergency stop - 24 V DC, time delay 0...300 s
Aug 10, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com