Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC951LP4E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC951LP4E
Description  GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC951LP4E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC951LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC951LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC951LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC951LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC951LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC951LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC951LP4E Datasheet HTML 10Page - Hittite Microwave Corporation HMC951LP4E Datasheet HTML 11Page - Hittite Microwave Corporation HMC951LP4E Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
9 - 9
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Pin Number
Function
Description
interface schematic
1, 4, 6, 7, 8, 9,
11, 12, 13, 19,
21, 22, 24
GND
These pins and package bottom must
be connected to rF/Dc ground
2
vDD
Power supply voltage for rF Amplifier. Bypass
capacitors are required. see application circuit
3
vBiAs_rF
This pin is used to set the Dc current of the
rF amplifier by selection of the external bias
resistor. see application circuit.
5
rFiN
This pin is the rF input pin. it is Ac
coupled and matched to 50 Ohms
10
LOiN
This pin is the LO input pin. it is Ac
coupled and matched to 50 Ohms
14, 16
vDD1, vDD2
Power supply voltages for LO Amplifier. Bypass
capacitors are required. see application circuit
15
vBiAs_LO
This pin is used to set the Dc current of the
LO amplifier by selection of the external bias
resistor. see application circuit.
17, 18
N/c
These pins are not connected internally; however, all data
shown herein was measured with these pins connected to
rF/Dc ground externally.
Pin Descriptions
HMC951LP4E
v01.0511
GaAs MMIC I/Q DOWNCONVERTER
5.6 - 8.6 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com