Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4SW150M Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 4SW150M
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

4SW150M Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  4SW150M Datasheet HTML 1Page - RUBYCON CORPORATION 4SW150M Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
2.7
2.9
2.9
2.9
2.9
2.7
2.9
2.9
2.9
2.7
2.9
2.9
2.9
2.7
2.9
2.9
2.9
2.9
2.7
2.7
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
18
18
9
6
15
9
6
4.5
9
6
9
6
15
9
6
9
9
9
15
9
25
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
2,500
2,500
3,000
3,500
2,700
3,000
3,500
3,500
3,000
3,500
3,000
3,500
2,700
3,000
3,500
3,000
3,000
3,000
2,700
3,000
1,800
8
(k)
2
(d)
2.5
(e)
4
(g)
6.3
(j)
10
(A)
2
(d)
2.5
(e)
4
(g)
6.3
(j)
2SW220M
2SW270M
2SW330M
2SW390M
2SW470M
2.5SW180M
2.5SW220M
2.5SW270M
2.5SW330M
4SW150M
4SW180M
4SW220M
4SW270M
6SW100M
6SW120M
6SW150M
6SW180M
8SW68M
8SW100M
2SWZ270M R09
2SWZ270M R06 
2SWZ330M R15
2SWZ330M R09
2SWZ330M R06
2SWZ330M R05
2.5SWZ220M R09
2.5SWZ220M R06
2.5SWZ270M R09
2.5SWZ270M R06
2.5SWZ330M R15
4SWZ180M R09
4SWZ220M R09
6SWZ120M R09
6SWZ150M R15
220
270
330
390
470
180
220
270
330
150
180
220
270
100
120
150
180
6SW220M
220
68
100
270
270
330
330
330
330
220
220
270
270
330
2.5SWZ330M R09
330
2.5SWZ330M R06
330
180
220
120
150
150
47
6SWZ150M R09
10SWZ47M R25
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
WV(V.DC)
Cap(μF)
ESR
(mΩ)
Part No.
(mAr.m.s)
Size(mm)
LW
H
Series
SW
SWZ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com