Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6SW100M Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 6SW100M
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

6SW100M Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  6SW100M Datasheet HTML 1Page - RUBYCON CORPORATION 6SW100M Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
SERIES
SW
SERIES
SWZ
◆SPECIFICATIONS
Series
SW
SWZ
−55∼+105℃
2.7mm
2.9mm
3,500
2,500(8V)
1,800∼3,500
9
4.5∼25
9∼18
1.9mm
2∼8
2∼6.3
2∼10
68∼220
120∼470
47∼330
±20%
≦0.04CV
≦0.1
≦0.1
◆FEATURES
 SW:High Capacitance,Low ESR
 SWZ:High Capacitance,Ultra Low ESR
・RoHS Compliance
・Lead free reflow soldering is available
 (260℃,10sec):(Available for MSL3)
Temperature Range(℃)
Rated Voltage Range(V.DC)
Rated Cap Range(μF)
Capacitance Tolerance(20℃/120Hz)
Leakage Current(after 5 minutes)(μA)
(Tanδ)
Dissipation Factor(20℃/120Hz)
Maximum Allowable Ripple Current(mA r.m.s)(100kHz)
Surge Voltage
Rated voltage ×1.25
Within ±20% of the initial value
≦initial specified value
≦200% of initial specified value
Within −20%∼+40% of the initial value
Within −20%∼+60% of the initial value
≦200% of initial specified value
≦300% of initial specified value
Equivalent Series Resistance(ESR)
(mΩ)(20℃/100kHz)
ΔC
Tanδ
LC
ΔC
Tanδ
LC
Endurance
(105℃, 2000hrs, Rated Voltage applied)
Damp heat(Steady state)
(60℃, 90%RH, 500hrs, No-applied voltage)
UPGRADE


Similar Part No. - 6SW100M

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
6SW100M RUBYCON-6SW100M Datasheet
82Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW100M RUBYCON-6SW100M Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW100M RUBYCON-6SW100M Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW100M RUBYCON-6SW100M Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW100M RUBYCON-6SW100M Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - 6SW100M

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com