Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 3 Page - Texas Instruments

  TUSB1310A Datasheet HTML 1Page - Texas Instruments TUSB1310A Datasheet HTML 2Page - Texas Instruments TUSB1310A Datasheet HTML 3Page - Texas Instruments TUSB1310A Datasheet HTML 4Page - Texas Instruments TUSB1310A Datasheet HTML 5Page - Texas Instruments TUSB1310A Datasheet HTML 6Page - Texas Instruments TUSB1310A Datasheet HTML 7Page - Texas Instruments TUSB1310A Datasheet HTML 8Page - Texas Instruments TUSB1310A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
TUSB1310A
www.ti.com
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
4.2.7
USB Interrupt Status (13h)
.................................................................................... 27
4.2.8
USB Interrupt Latch (14h)
..................................................................................... 27
4.2.9
Debug (15h)
..................................................................................................... 27
4.2.10
Scratch Register (16-18h)
..................................................................................... 27
5
DESIGN GUIDELINES
......................................................................................................... 28
5.1
Chip Connection on PCB
................................................................................................. 28
5.1.1
USB Connector Pins Connection
............................................................................. 28
5.1.2
Clock Connections
.............................................................................................. 29
5.2
Clock Source Requirements
............................................................................................. 30
5.2.1
Clock Source Selection Guide
................................................................................ 30
5.2.2
Oscillator
......................................................................................................... 30
5.2.3
Crystal
............................................................................................................ 31
6
ELECTRICAL SPECIFICATIONS
.......................................................................................... 32
6.1
ABSOLUTE MAXIMUM RATINGS
...................................................................................... 32
6.2
RECOMMENDED OPERATING CONDITIONS
....................................................................... 32
6.3
DC CHARACTERISTICS for 1.8-V DIGITAL IO
....................................................................... 32
6.4
DEVICE POWER CONSUMPTION
..................................................................................... 33
6.5
AC Characteristics
......................................................................................................... 33
6.5.1
Power Up and Reset Timing
.................................................................................. 33
6.5.2
PIPE Transmit
................................................................................................... 34
6.5.3
PIPE Receive
................................................................................................... 35
6.5.4
ULPI Parameters
............................................................................................... 35
6.5.5
ULPI Clock
....................................................................................................... 35
6.5.6
ULPI Transmit
................................................................................................... 36
6.5.7
ULPI Receive Timing
........................................................................................... 36
6.5.8
Power State Transition Time
.................................................................................. 37
Copyright
© 2010–2011, Texas Instruments Incorporated
Contents
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com