Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB9261 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB9261
Description  USB 3.0 TO SATA BRIDGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9261 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB9261 Datasheet HTML 9Page - Texas Instruments TUSB9261 Datasheet HTML 10Page - Texas Instruments TUSB9261 Datasheet HTML 11Page - Texas Instruments TUSB9261 Datasheet HTML 12Page - Texas Instruments TUSB9261 Datasheet HTML 13Page - Texas Instruments TUSB9261 Datasheet HTML 14Page - Texas Instruments TUSB9261 Datasheet HTML 15Page - Texas Instruments TUSB9261 Datasheet HTML 16Page - Texas Instruments TUSB9261 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TUSB9261
www.ti.com
SLLSE67B
– MARCH 2011 – REVISED MAY 2011
Table 5-4. USB Interface Signals
TERMINAL
I/O
DESCRIPTION
PIN
NAME
NO.
USB_SSTXP
43
O
SuperSpeed USB transmitter differential pair (positive)
USB_SSTXM
42
O
SuperSpeed USB transmitter differential pair (negative)
USB_SSRXP
46
I
SuperSpeed USB receiver differential pair (positive)
USB_SSRXM
45
I
SuperSpeed USB receiver differential pair (negative)
USB_DP
36
I/O
USB High-speed differential transceiver (positive)
USB_DM
35
I/O
USB High-speed differential transceiver (negative)
USB_VBUS
50
I
USB bus power
USB_R1
38
O
Precision resistor reference. A 10-k
Ω ±1% resistor should be connected between R1 and R1RTN.
USB_R1RTN
39
I
Precision resistor reference return
Table 5-5. Serial Peripheral Interface (SPI) Signals
TERMINAL
I/O
DESCRIPTION
PIN
NAME
NO.
O
SPI_SCLK
17
SPI clock
PU
O
SPI_DATA_OUT
18
SPI master data out
PU
I
SPI_DATA_IN
20
SPI master data in
PU
O
SPI_CS0
21
Primary SPI chip select for Flash RAM
PU
SPI_CS2/
I/O
SPI chip select for additional peripherals. When not used for SPI chip select this pin may be used
23
PU
as general purpose I/O.
GPIO11
SPI_CS1/
I/O
SPI chip select for additional peripherals. When not used for SPI chip select this pin may be used
22
PU
as general purpose I/O.
GPIO10
Copyright
© 2011, Texas Instruments Incorporated
SIGNAL DESCRIPTIONS
13
Submit Documentation Feedback
Product Folder Link(s): TUSB9261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com