Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040RKMR Datasheet(PDF) 28 Page - Texas Instruments

Part # TUSB8040RKMR
Description  USB 3.0 Four Port Hub
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8040RKMR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB8040RKMR Datasheet HTML 24Page - Texas Instruments TUSB8040RKMR Datasheet HTML 25Page - Texas Instruments TUSB8040RKMR Datasheet HTML 26Page - Texas Instruments TUSB8040RKMR Datasheet HTML 27Page - Texas Instruments TUSB8040RKMR Datasheet HTML 28Page - Texas Instruments TUSB8040RKMR Datasheet HTML 29Page - Texas Instruments TUSB8040RKMR Datasheet HTML 30Page - Texas Instruments TUSB8040RKMR Datasheet HTML 31Page - Texas Instruments TUSB8040RKMR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
TUSB8040
SLLSE42F
– SEPTEMBER 2010 – REVISED OCTOBER 2011
www.ti.com
6.4
3.3-V I/O ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
OPERATION
TEST CONDITIONS
MIN
MAX
UNIT
VIH
High-level input voltage(1)
VDD33
2
VDD33
V
0
0.8
VIL
Low-level input voltage(1)
VDD33
V
JTAG pins only
0
0.55
VI
Input voltage
0
VDD33
V
VO
Output voltage(2)
0
VDD33
V
tt
Input transition time (trise and tfall)
0
25
ns
Vhys
Input hysteresis(3)
0.13 x VDD33
V
VOH
High-level output voltage
VDD33
IOH = -4 mA
2.4
V
VOL
Low-level output voltage
VDD33
IOL = 4 mA
0.4
V
IOZ
High-impedance, output current(2)
VDD33
VI = 0 to VDD33
±20
µA
High-impedance, output current with
IOZP
internal pullup or pulldown
VDD33
VI = 0 to VDD33
±225
µA
resistor(4)
II
Input current(5)
VDD33
VI = 0 to VDD33
±15
µA
(1)
Applies to external inputs and bidirectional buffers.
(2)
Applies to external outputs and bidirectional buffers.
(3)
Applies to GRSTz.
(4)
Applies to pins with internal pullups/pulldowns.
(5)
Applies to external input buffers.
6.5
HUB INPUT SUPPLY CURRENT
over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
US: SuperSpeed and high-speed,
DS: 4 ports actively transmitting data at
775
850
925
SuperSpeed
US: SuperSpeed and High-speed,
500
565
630
DS: no DS connections
US: High-Speed,
DS: 4 ports actively transmit-ting data at
490
540
590
VDD11
mA
high-speed
US: High-Speed,
475
525
575
DS: 4 ports connected at high-speed and idle
US: High-Speed,
420
440
460
DS: no DS connections
US: High-Speed (SUSPEND MODE),
400
420
450
DS: no DS connections
IDD
Supply current
US: SuperSpeed and high-speed,
DS: 4 ports actively transmitting data at
105
120
135
SuperSpeed
US: SuperSpeed and High-speed,
105
120
135
DS: no DS connections
US: High-Speed,
DS: 4 ports actively transmit-ting data at
105
120
135
VDD33
mA
high-speed
US: High-Speed,
105
120
135
DS: 4 ports connected at high-speed and idle
US: High-Speed,
105
120
135
DS: no DS connections
US: High-Speed (SUSPEND MODE),
55
60
65
DS: no DS connections
28
ELECTRICAL SPECIFICATIONS
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com