Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9028 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS9028
Description  Cable Driver with Two Adjustable Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9028 Datasheet(HTML) 2 Page - Gennum Corporation

  GS9028 Datasheet HTML 1Page - Gennum Corporation GS9028 Datasheet HTML 2Page - Gennum Corporation GS9028 Datasheet HTML 3Page - Gennum Corporation GS9028 Datasheet HTML 4Page - Gennum Corporation GS9028 Datasheet HTML 5Page - Gennum Corporation GS9028 Datasheet HTML 6Page - Gennum Corporation GS9028 Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise specified
PARAMETER
VALUE
Supply Voltage
5.5V
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
0 to 70°C
Storage Temperature
-65 to 150°C
Lead Temperature (soldering, 10 sec)
260°C
DC ELECTRICAL CHARACTERISTICS
VCC = 5V, TA = 0°C to 70°C unless otherwise shown. Specifications assume 800mV output amplitude levels into end terminated 75Ω transmission lines.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
TEST
LEVEL
Supply Voltage
VCC
4.75
5.00
5.25
V
1
System Power
Consumption
PD
Driving two 75
Ω
cables
-
165
195
mW
3
Supply Current
Ι
S
-
33
39
mA
3
Common Mode Input
Voltage Range
VCM,IN
2.4+(VDIFF/2)
-
VCC-(VDIFF/2)
V
2
Differential Input
VDIFF
80
-
1000
mV
2
Common Mode
Output Voltage Range
VCM,OUT
-
VCC-VOUT
-
V
2
Differential Output
VOUT
RSET = 59Ω
750
800
850
mV
1
Input Hysteresis
10
-
-
mV
2
AC ELECTRICAL CHARACTERISTICS
VCC = 5V, TA = 0°C to 70°C unless otherwise shown. Specifications assume 800mV output amplitude levels into end terminated 75Ω transmission lines.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
TEST
LEVEL
Serial Data Rate
0
-
622
Mb/s
1
Additive Jitter
270Mb/s
-
25
-
ps p-p
1
2
540Mb/s
-
25
-
622Mb/s
-
50
-
Output Rise/Fall Time
tR, tF
20% - 80%
400
470
700
ps
3
Mismatch in Output
Rise/Fall Times
-
50
100
ps
1
Overshoot
-
5
8
%
1
Duty Cycle Distortion
-
50
100
ps
2
Output Return Loss
540MHz
-
17
-
dB
2
TEST LEVELS
1. 100% tested at 25°C.
2. Guaranteed by design.
3. Correlated value.
NOTES
1. RMS additive jitter measured using Pseudo Random bit sequence (2
23 - 1).
2. Measured with Gennum Evaluation Board (EB-RD35).
521 - 68 - 05
2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com