Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9092ACNE3 Datasheet(PDF) 13 Page - Gennum Corporation

Part # GS9092ACNE3
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092ACNE3 Datasheet(HTML) 13 Page - Gennum Corporation

Back Button GS9092ACNE3 Datasheet HTML 9Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 10Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 11Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 12Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 13Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 14Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 15Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 16Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 17Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
13 of 63
2.3 AC Electrical Characteristics
Table 2-2: AC Electrical Characteristics
VDD = 1.8V, TA = 0°C to 70°C, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Notes
System
Output High Impedance Response
Time
tRHIGHZ
SDO_EN = HIGH to
LOW
–20
–
ns
–
Digital I/O
Input Data Setup Time
tSU
50% PCLK vs. VIL/VIH
data
3–
–
ns
1
Input Data Hold Time
tIH
50% PCLK vs. VIL/VIH
data
1–
–
ns
1
Output Data Hold Time
tOH
With 15pF load
3–
–
ns
2
Output Delay Time
tOD
With 15pF load
––
11
ns
2
Serial Digital Output
Serial Output Data Rate
BRSDO
–
–
270
–
Mb/s
–
Serial Output Jitter
–
270Mb/s, VSDO =
800mV, 75
Ω load
including rise/fall
mismatch, PCLK
input from GS9090A
–360
555
psp-p
3
–PCLK input from the
Agilent E4422B
Signal Generator
–
225
–
psp-p
3,4
Serial Output Rise Time
(20% ~ 80%)
SDOTR
Return loss
compensation
recommended
circuit - SMPTE 259M
signal
400
500
1000
ps
–
Serial Output Fall Time
(20% ~ 80%)
SDOTF
Return loss
compensation
recommended
circuit - SMPTE 259M
signal
400
500
1000
ps
–
Mismatch in Rise/Fall Time
–
VODIFF = 1600mV,
100
Ω differential
load
––
30
ps
–
Serial Output Overshoot
–
VODIFF = 1600mV,
100
Ω differential
load
–0
8
%
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com