Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA159 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # BA159
Description  Fast Recovery Diode, 1.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

BA159 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  BA159 Datasheet HTML 1Page - Naina Semiconductor ltd. BA159 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Fast Recovery Diode
Features
•
Diffused junction
•
High efficiency
•
Low forward voltage drop
•
Low power loss
•
High surge current capability
Mechanical Characteristics
•
Case: Molded Plastic
•
Cathode indicated by Polarity band
•
Mounting position: Any
•
Terminals: Finish Tin plated, Solderable
MIL-STD-202, Method 208
•
Weight: 0.33 grams (approx.)
Maximum Ratings (TA = 25
0C unless otherwise specified
Parameter
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward output current
Peak forward surge current (8.3ms) single half sine
superimposed on rated load
Thermal and Mechanical Specifications (TA
Parameters
Typical thermal resistance, junction to ambient
Operating and Storage temperature range
Electrical Characteristics (TA = 25
0C unless otherwise
Parameters
Maximum DC forward voltage drop @ 1.0A
Maximum DC reverse current @ rated DC blocking
voltage
Maximum reverse recovery time
emiconductor Ltd.
Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120
sales@nainasemi.com
•
www.nainasemi.com
Fast Recovery Diode, 1.0A
, Solderable per
C unless otherwise specified)
Symbol
VRRM
VRMS
VDC
@ TA = 50
0C
IF(AV)
ms) single half sine-wave
IFSM
A = 25
0C unless otherwise specified)
Symbol
Typical thermal resistance, junction to ambient
RθJA
TJ , TStg
- 6
C unless otherwise specified)
Symbol
A DC
VF
Maximum DC reverse current @ rated DC blocking
TA = 25
0C
IR
TA = 100
0C
tRR
DO
BA159
4205450
•
Fax: 0120-4273653
BA159
Units
1000
V
700
V
1000
V
1.0
A
30
A
Values
Units
65
0C/W
65 to + 150
0C
BA159
Units
1.2
V
5.0
µA
50
500
ns
O-41


Similar Part No. - BA159

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BA159 PANJIT-BA159 Datasheet
54Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
BA159 TRSYS-BA159 Datasheet
146Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Won-Top Electronics
BA159 WTE-BA159 Datasheet
48Kb / 3P
1.0A FAST RECOVERY RECTIFIER
logo
Semtech Corporation
BA159 SEMTECH-BA159 Datasheet
198Kb / 4P
FAST SIKICON RECTIFIERS
logo
Bytes
BA159 BYTES-BA159 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - BA159

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N4933 WTE-1N4933_06 Datasheet
54Kb / 4P
1.0A FAST RECOVERY DIODE
BA157 WTE-BA157_06 Datasheet
54Kb / 4P
1.0A FAST RECOVERY DIODE
FR101 WTE-FR101_06 Datasheet
55Kb / 4P
1.0A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
1N4933 ZSELEC-1N4933 Datasheet
132Kb / 2P
1.0A FAST RECOVERY DIODE
FFM101 ZSELEC-FFM101 Datasheet
145Kb / 2P
1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FFM101-M ZSELEC-FFM101-M Datasheet
145Kb / 2P
1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR1A ZSELEC-FR1A Datasheet
144Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY DIODE
FR101 ZSELEC-FR101 Datasheet
117Kb / 2P
1.0A FAST RECOVERY DIODE
RS1000FL ZSELEC-RS1000FL Datasheet
140Kb / 2P
1.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR1001 ZSELEC-PR1001 Datasheet
134Kb / 2P
1.0A FAST RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com