Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXW Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # CXW
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

CXW Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  CXW Datasheet HTML 1Page - RUBYCON CORPORATION CXW Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
CXW
SERIES
CXW
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ration(MAX)
Items
Characteristics
−25∼+105℃
400∼450V.DC
±20%
(20℃,
120Hz)
I=3 CV
(After 5 minutes application of rated voltage)
Rated Voltage
tanδ
0.2
400∼450
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 5000 hours at 105℃,
the capacitors shall meet the following requirements.
105℃ Long Life(5000 hours),Ultra Miniaturized
◆FEATURES
・Load Life : 105℃ 5000 hours.
・Body diameter of φ10mm to φ18mm with high ripple current capability.
・This series is smaller and longer life than the current KXW series.
・RoHS compliance.
Rated Voltage
Z
(−25℃)
/Z
(20℃)
400∼450
8
(20℃,
120Hz)
(120Hz)
◆PART NUMBER
□□□
Rated Voltage
CXW
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□
Rated Capacitance
M
Capacitance Tolerance
◆MULTIPLIER FOR RIPPLE CURRENT
(Hz)
Frequency
Coefficient
60(50) 120
500
1k
10k≦
400∼450WV
0.8
1.00 1.25 1.40 1.50
 Frequency Coefficient
◆OPTION
PETスリーブ PET Sleeve
EFC
記号 Code
I=(μA)
Leakage Current
Rated Capacitance
C=(μF)
Rated Voltage
V=(V)


Similar Part No. - CXW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CXW8163 ONSEMI-CXW8163 Datasheet
1Mb / 15P
250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
October, 2022 - Rev. 1
logo
List of Unclassifed Man...
CXW8509 ETC-CXW8509 Datasheet
632Kb / 9P
2A Output Current
logo
RUBYCON CORPORATION
CXW RUBYCON-CXW_15 Datasheet
136Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - CXW

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com