Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KXF Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # KXF
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

KXF Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  KXF Datasheet HTML 1Page - RUBYCON CORPORATION KXF Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
20X20
20X20
22X20
25X20
25X20
0.98
1.16
1.31
1.59
1.77
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
20X20
22X20
25X20
25X20
30X20
30X20
35X20
35X20
0.81
0.98
1.02
1.25
1.30
1.46
1.51
1.55
39
47
56
68
82
100
120
150
180
20X20
20X20
22X20
25X20
25X20
30X20
30X20
35X20
0.39
0.40
0.49
0.55
0.60
0.75
0.80
0.85
20X20
22X20
22X20
25X20
30X20
30X20
35X20
0.38
0.45
0.48
0.53
0.58
0.70
0.80
20X20
20X20
22X20
25X20
25X20
30X20
30X20
35X20
0.36
0.41
0.43
0.50
0.53
0.61
0.70
0.80
20X20
22X20
22X20
25X20
25X20
30X20
30X20
35X20
0.80
0.90
0.95
1.15
1.20
1.36
1.43
1.51
20X20
22X20
25X20
25X20
30X20
30X20
35X20
0.80
0.87
0.95
1.15
1.20
1.41
1.43
20X20
22X20
25X20
25X20
30X20
30X20
35X20
0.70
0.80
0.85
1.02
1.12
1.25
1.45
20X20
22X20
22X20
25X20
30X20
30X20
35X20
0.65
0.74
0.77
0.95
1.00
1.16
1.25
20X20
22X20
22X20
25X20
30X20
30X20
35X20
35X20
0.41
0.48
0.51
0.57
0.65
0.70
0.85
0.90
20X20
20X20
22X20
25X20
25X20
30X20
35X20
35X20
0.38
0.40
0.45
0.54
0.57
0.65
0.78
0.85
20X20
20X20
22X20
25X20
25X20
30X20
30X20
35X20
0.35
0.38
0.42
0.50
0.52
0.61
0.64
0.80
20X20
20X20
22X20
25X20
25X20
1.06
1.25
1.38
1.68
1.80
20X20
22X20
22X20
25X20
25X20
0.98
1.08
1.29
1.58
1.61
20X20
22X20
22X20
25X20
30X20
0.80
0.94
1.04
1.29
1.45
20X20
22X20
25X20
25X20
30X20
0.87
1.02
1.15
1.34
1.60
20X20
22X20
22X20
25X20
30X20
30X20
0.83
0.99
1.10
1.20
1.47
1.52
20X20
20X20
22X20
25X20
25X20
30X20
0.65
0.70
0.84
1.04
1.19
1.44
20X20
20X20
22X20
25X20
25X20
30X20
0.60
0.71
0.78
0.95
1.09
1.32
10
16
25
35
50
63
80
100
WV
400
420
450
◆STANDARD SIZE
Cap(μF)
Cap(μF)
WV
160
180
200
220
250
315
350
385
Cap(μF)
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
KXF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com