Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPH Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MPH
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPH Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MPH Datasheet HTML 1Page - RUBYCON CORPORATION MPH Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
250MPH
Frequency
(kHz)
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
11
12
106
475
225
105
474
224
104
630MPH
450MPH
Frequency
(kHz)
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
11
12
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
11
12
225
105
474
224
104
473
475
225
105
474
224
104
◆SPECIFICATIONS
±3%(H), ±5%(J), ±10%(K)
0.001max at 1kHz
UR×150% 60s
C≦0.33μF:25000MΩmin
C>0.33μF: 7500ΩFmin
JIS C 5101-16, JIS C 5101-1
250VDC, 450VDC, 630VDC
−40℃∼+105℃
Rated Voltage (UR)
Category Temperature Range
Voltage Proof
Insulation Resistance
Reference Standard
Capacitance Tolerance
tanδ
◆PART NUMBER
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPH
SERIES
MPH
◆FEATURES
・Small and low E.S.R, compared with MPS series.
・Low buzz.
・For applications where high frequency, high current are required.
(Switching power supply, lighting lnverter, etc)
・Coated with flame-retardant (UL94 V-0) epoxy resin.
・RoHS compliance.
◆OUTLINE
(mm)
□□□
Rated Voltage
MPH
Series
□□□
Option
□□
Lead Forming
□□□
Rated Capacitance
□
Capacitance Tolerance
◆PERMISSIBLE CURRENT FOR FREQUENCY
Blank
E7,H7,Y7
S7,W7,Q7
A max
F
B max
φd±0.05
F
LS
F
LS


Similar Part No. - MPH

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPH RUBYCON-MPH Datasheet
58Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MPH VISHAY-MPH Datasheet
106Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
05-May-08
MPH VISHAY-MPH Datasheet
93Kb / 3P
Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
20-Oct-11
logo
Adam Technologies, Inc.
MPH-A-XX-SMT-T ADAM-TECH-MPH-A-XX-SMT-T Datasheet
99Kb / 1P
909 Rahway Avenue
logo
Proto Advantage SMD Ada...
MPH-ETD PROTOADVANTAGE-MPH-ETD Datasheet
447Kb / 2P
0.1" 40 pin Machine Pin Header Pair for PCB Edge to DIP Conversion
revision 1.2
More results

Similar Description - MPH

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com