Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES0013 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # ES0013
Description  High Power Switch 8 GHz to 18 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

ES0013 Datasheet(HTML) 1 Page - Micronetics, Inc.

  ES0013 Datasheet HTML 1Page - Micronetics, Inc. ES0013 Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Power Switch
ES0013
8 GHz to 18 GHz
Power Input Specifications
RF Frequency
8 GHz to 18 GHz
Peak Power
300 Watts max
Average Power
40 Watts max
Duty Cycle
12 % max
Pulse Width
10 uSec max
Load VSWR
2.5:1 max
Microwave Specifications
VSWR
2:1 max
Switching Speed
200 ns max
Mechanical
RF Connector
SMA-F
Bias Connector
Solder Pins
Control Connector
SMA-F
Control
TTL
Positive Supply
5 Vdc
350 mA
Negative Supply
-28 Vdc
Power
150 mA
Environmental Ratings
Storage Temperature
-55 to 125 °C
Operating Temperature
-20 to 68 °C
Altitude
10000 ft (max)
Notes
Specifications subject to change without notice
Micronetics, Inc. | Hudson, NH | Tel: 1-603-883-2900 | www.Micronetics.com


Similar Part No. - ES0013

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ES0011 MICRONETICS-ES0011 Datasheet
159Kb / 2P
High Power Switch 2 GHz to 4 GHz
ES0012 MICRONETICS-ES0012 Datasheet
158Kb / 2P
High Power Switch 4 GHz to 8 GHz
More results

Similar Description - ES0013

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMA-18-8007 TELEDYNE-CMA-18-8007 Datasheet
892Kb / 2P
Amplifier 8 GHz - 18 GHz
TPA-18-8003 TELEDYNE-TPA-18-8003 Datasheet
889Kb / 2P
Amplifier 8 GHz - 18 GHz
logo
Micronetics, Inc.
EL0096 MICRONETICS-EL0096 Datasheet
170Kb / 2P
High Power Limiters 12 GHz to 18 GHz
ES0012 MICRONETICS-ES0012 Datasheet
158Kb / 2P
High Power Switch 4 GHz to 8 GHz
ES0314-5 MICRONETICS-ES0314-5 Datasheet
192Kb / 2P
High Power Switch 2 GHz to 18 GHz
ES0314-10 MICRONETICS-ES0314-10 Datasheet
192Kb / 2P
High Power Switch 2 GHz to 18 GHz
ES0314-20 MICRONETICS-ES0314-20 Datasheet
192Kb / 2P
High Power Switch 2 GHz to 18 GHz
ES0314-50 MICRONETICS-ES0314-50 Datasheet
192Kb / 2P
High Power Switch 2 GHz to 18 GHz
logo
TriQuint Semiconductor
TGS2353-2-SM TRIQUINT-TGS2353-2-SM_15 Datasheet
803Kb / 11P
0.5 to 18 GHz High Power SPDT Reflective Switch
logo
Analog Devices
HMC641A AD-HMC641A Datasheet
296Kb / 10P
0.1 GHz to 18 GHz, GaAs SP4T Switch
10/2018-Rev. C to Rev. D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com