Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC657LP2E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC657LP2E
Description  WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC657LP2E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC657LP2E Datasheet HTML 1Page - Hittite Microwave Corporation HMC657LP2E Datasheet HTML 2Page - Hittite Microwave Corporation HMC657LP2E Datasheet HTML 3Page - Hittite Microwave Corporation HMC657LP2E Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
12
12 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Attenuation vs. Temperature
HMC656LP2E to HMC658LP2E
v01.0308
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC656LP2E / HMC657LP2E / HMC658LP2E
Return Loss
Absolute Maximum Ratings
Part Number
HMC656LP2E
HMC657LP2E
HMC658LP2E
Units
RF Input Power (CW)
25
25
25
dBm
DC Voltage Terminated
4.9
4.4
4.8
V
DC Voltage Open
5.3
4.6
4.9
V
Storage Temperature
-65 to +150
°C
Operating Temperature
-40 to +85
°C
ESD Sensitivity (HBM)
Class 1B
Class 1B
Class 1B
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
FREQUENCY (GHz)
HMC656LP2
HMC657LP2
HMC658LP2
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
FREQUENCY (GHz)
HMC656
HMC658
HMC657



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com