Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSFMT101-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CSFMT101-HF
Description  Low Profile SMD Super Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSFMT101-HF Datasheet(HTML) 2 Page - Comchip Technology

  CSFMT101-HF Datasheet HTML 1Page - Comchip Technology CSFMT101-HF Datasheet HTML 2Page - Comchip Technology CSFMT101-HF Datasheet HTML 3Page - Comchip Technology CSFMT101-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
QW-JS002
REV: A
Comchip Technology CO., LTD.
Rating and Characteristic Curves (CSFMT101-HF Thru. CSFMT108-HF)
SMD Diodes Specialist
Low Profile SMD Super Fast Recovery Rectifiers
Fig.1- Typical Forward Characteristics
VF, Forward Voltage (V)
0.4
Fig.5- Typical Junction Capacitance
0
VR, Reverse Voltage, (V)
30
70
0.01
1
100
1.8
Fig.2- Typical Forward Current
0
TA, Ambient Temperature (°C)
0.8
1.4
0.6
0
175
100
0.001
0.1
1.0
10
0.01
0.6
0.2
1.0
1.2
10
40
60
0.4
50
125
1.0
1.2
0.8
O
TJ=25 C
Pulse width=300μs
1% duty cycle
0.1
10
20
50
150
25
75
Fig.4- Maximum Non-repetitive
Forward Surge Current
0
Number of Cycles at 60Hz
25
1
10
100
10
20
5
15
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
Derating Curve
1.4
1.6
C
SF
M
T1
07
-H
F~
10
8-
H
F
Single phase, half
wave, 60Hz, resistive
or inductive load
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
D.U.T.
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
Fig.3- Test Circuit Diagram and Reverse
Recovery Time Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com