Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT6610 Datasheet(PDF) 21 Page - ADTech

Part # ADT6610
Description  3-channel constant current LED driver that has a wide range of output currents
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6610 Datasheet(HTML) 21 Page - ADTech

Back Button ADT6610 Datasheet HTML 13Page - ADTech ADT6610 Datasheet HTML 14Page - ADTech ADT6610 Datasheet HTML 15Page - ADTech ADT6610 Datasheet HTML 16Page - ADTech ADT6610 Datasheet HTML 17Page - ADTech ADT6610 Datasheet HTML 18Page - ADTech ADT6610 Datasheet HTML 19Page - ADTech ADT6610 Datasheet HTML 20Page - ADTech ADT6610 Datasheet HTML 21Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Aug. 25. 2011
21/21
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6610
SOP16
8°
0°
8°
0°
θ
0.050
0.016
1.270
0.400
L
0.050 (BSC)
1.270 (BSC)
e
0.244
0.228
6.200
5.800
E1
0.157
0.150
4.000
3.800
E
0.402
0.386
10.200
9.800
D
0.010
0.007
0.250
0.170
c
0.020
0.013
0.510
0.330
b
0.061
0.053
1.550
1.350
A2
0.010
0.004
0.250
0.100
A1
0.069
0.053
1.750
1.350
A
Min
Dimensions In Inches
Min
Dimenstions In Millimeters
Max
Max
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com