Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL1060AW Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MSL1060AW
Description  6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL1060AW Datasheet(HTML) 2 Page - ATMEL Corporation

  MSL1060AW Datasheet HTML 1Page - ATMEL Corporation MSL1060AW Datasheet HTML 2Page - ATMEL Corporation MSL1060AW Datasheet HTML 3Page - ATMEL Corporation MSL1060AW Datasheet HTML 4Page - ATMEL Corporation MSL1060AW Datasheet HTML 5Page - ATMEL Corporation MSL1060AW Datasheet HTML 6Page - ATMEL Corporation MSL1060AW Datasheet HTML 7Page - ATMEL Corporation MSL1060AW Datasheet HTML 8Page - ATMEL Corporation MSL1060AW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Atmel LED Driver-MSL1060
General Description
The Atmel® LED Driver-
MSL1060 is an LED driver
with integrated boost
regulator capable of driving
6 LED strings at 30mA up to
48V for lighting applications to
8W. In a typical backlighting
system it can drive up to 72
white LEDs.
The MSL1060 incorporates a current mode PWM boost regulator with 50V
internal switch and a wide, 4.75V to 36V input voltage range. The 1.1MHz
switching frequency uses a small-sized inductor and output capacitors while
maintaining high efficiency, low ripple, and noise.
The MSL1060 uses a digital control loop and requires no external
components to manage the LED supply and regulate LED current up to
30mA per series LED string.
The MSL1060 is also easy to use, dimming with an external PWM signal.
Analog dimming of LED string current is available for use with an ambient
light sensor (ALS) and/or temperature management with a thermistor or IC
temperature sensor.
The MSL1060 is offered in a lead-free, halogen-free, RoHS-compliant, 5 x 5mm,
24-lead TQFN package operating over a -40°C to 85°C temperature range.
Applications
Long Life, Efficient LED Backlighting for:
• Notebook PCs and Desktop PC Monitors
• Medical and Industrial Instrumentation
• Portable Media Players (PMPs)
• Automotive Audio-visual Displays
Industrial Lighting
Signage
Ordering Information
PART
DESCRIPTION
PACKAGE
MSL1060AW
6-ch LED driver
24-pin, 5x5x0.75mm TQFN
Atmel LED Driver-MSL1060
6-string PWM LED Driver with Digitally Compensated, 1.1MHz,
48V Boost Regulator and ±1.5% LED String Current Balance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com