Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL1061AV Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MSL1061AV
Description  6-string PWM LED Driver with Digitally Compensated, 1.1MHz, 48V Boost Regulator, 짹1.5% Current Balance, I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL1061AV Datasheet(HTML) 2 Page - ATMEL Corporation

  MSL1061AV Datasheet HTML 1Page - ATMEL Corporation MSL1061AV Datasheet HTML 2Page - ATMEL Corporation MSL1061AV Datasheet HTML 3Page - ATMEL Corporation MSL1061AV Datasheet HTML 4Page - ATMEL Corporation MSL1061AV Datasheet HTML 5Page - ATMEL Corporation MSL1061AV Datasheet HTML 6Page - ATMEL Corporation MSL1061AV Datasheet HTML 7Page - ATMEL Corporation MSL1061AV Datasheet HTML 8Page - ATMEL Corporation MSL1061AV Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Atmel LED Drivers-MSL1061/MSL1064
General Description
The Atmel® LED Drivers-
MSL1061 and MSL1064 are
LED drivers with integrated
boost regulators capable of
driving six LED strings at
30mA up to 48V for lighting
applications to 8W, allowing
up to 72 LEDs per driver
backlighting applications.
The MSL1061/64 incorporates a current mode PWM boost regulator with
50V internal switch and a wide, 4.75V to 36V input voltage range. The
1.1MHz switching frequency uses a small-sized inductor and output capacitors
while maintaining high efficiency and low ripple voltage and noise. The boost
regulator uses digital control and requires no external compensation.
An I2C/SMB compatible serial interface operates up to 1MHz, giving access
to internal 8-bit PWM dimming and 4-bit analog current adjustment for 12-
bit current control. Individual string enable and fault reporting are available.
The MSL1061 operates with one of four I2C slave addresses selected from a
single input pin (AD0), whereas the lower cost MSL1064 has one fixed I2C
slave address.
The MSL1061/64 is also easy to employ without using an I2C interface,
dimming with an external PWM signal.
Analog dimming of LED string current is available for use with an ambient
light sensor (ALS) and/or temperature management with a thermistor or IC
temperature sensor.
The MSL1064 comes in a 5 x 5mm, 24-pin TQFN package, and the MSL1061
in a 5 x5mm, 28-pin TQFN. Both packages are lead-free, halogen-free and
RoHS-compliant, and operate over a -40°C to 85°C temperature range.
Applications
Long Life, Efficient LED Backlighting for:
• Notebook PCs and Desktop PC Monitors
• Medical and Industrial Instrumentation
• Portable Media Players (PMPs)
• Automotive Audio-visual Displays
Traffic Lights
Signage
Ordering Information
PART
DESCRIPTION
PACKAGE
MSL1061AV
6-ch LED driver
28-pin, 5x5x0.75mm TQFN
MSL1064AW
6-ch LED driver
24-pin, 5x5x0.75mm TQFN
Atmel LED Drivers-MSL1061/MSL1064
6-string PWM LED Driver with Digitally Compensated, 1.1MHz,
48V Boost Regulator, ±1.5% Current Balance, I2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com