Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL2160 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # MSL2160
Description  16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2160 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button MSL2160 Datasheet HTML 17Page - ATMEL Corporation MSL2160 Datasheet HTML 18Page - ATMEL Corporation MSL2160 Datasheet HTML 19Page - ATMEL Corporation MSL2160 Datasheet HTML 20Page - ATMEL Corporation MSL2160 Datasheet HTML 21Page - ATMEL Corporation MSL2160 Datasheet HTML 22Page - ATMEL Corporation MSL2160 Datasheet HTML 23Page - ATMEL Corporation MSL2160 Datasheet HTML 24Page - ATMEL Corporation MSL2160 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
Atmel LED Drivers-MSL2160/MSL2161
The MSL2160/1 are designed to control external LED string power supplies that use voltage dividers (R
TOP and RBOTTOM
in Figure 5) to set the output voltage, and whose regulation feedback voltage is not more than 3.5V. The Efficiency
Optimizer improves power efficiency by injecting a current of between 0 and 255µA into the voltage dividers of the
external power supplies, dynamically adjusting their outputs to the minimum voltage required by the LED strings. To
select the resistors, first determine V
OUT(MIN) and VOUT(MAX), the minimum and maximum string supply voltage limits, using:
[
]
(
) 5.
0
#
)
(
)
(
+
∗
=
ofLEDs
V
V
MIN
f
MIN
OUT
and
[
]
(
) 5.
0
#
)
(
)
(
+
∗
=
ofLEDs
V
V
MAX
f
MAX
OUT
,
where V
f(MIN) and Vf(MAX) are the LED minimum and maximum forward voltage drops at the peak current set by RS (page
12). For example, if the LED data are V
f(MIN) = 3.5V and Vf(MAX) = 3.8V, and ten LEDs are used in a string, then the total
minimum and maximum voltage drops across a string are 35V and 38V, respectively. Adding an allowance of 0.5V for the
string drive MOSFET headroom brings V
OUT(MIN) to 35.5V and VOUT(MAX) to 38.5V. Then, determine RTOP using:
)
(
)
(
)
(
MAX
FBOn
MIN
OUT
MAX
OUT
TOP
I
V
V
R
−
=
,
where I
FBOn(MAX) is the 255µA maximum output current of the efficiency optimizer outputs FBOn. Finally, determine RBOTTOM using:
FB
MAX
OUT
FB
TOP
BOTTOM
V
V
V
R
R
−
∗
=
)
(
,
where V
FB is the regulation feedback voltage of the power supply. Place a diode (1N4148 or similar) between FBOn and
the supply’s feedback node to protect the MSL2160/1 against current flow into FBOn. Assign all strings powered by a
common supply to the proper FBO output using string set registers 0x40 - 0x5F.
Once configured, determine the change in power supply output voltage in response to a change in FBO output current using:
TOP
FBO
OUT
R
I
V
∗
∆
=
∆
.
Direct PWM Control of the LED Strings
An external PWM signal applied to the PWM input allows direct PWM control over the strings when bits PWMEN and
PWMDIRECT (bits D0 and D1 in PWM control register 0x2D) are set to 1. This configuration bypasses PHI and GSC, but
allows LED string phase delay via the phase delay enable bit, PHADLYEN (bit D0 of register 0x2E). With phase delay
enabled, a progressive delay of 1/16 the PWM frame is calculated and applied successively to each string drive signal.
The PWM input can also be configured as a gate for the output of the PWM engine using PWM global enable
(bit D2 of the PWM control register 0x2D).
Connecting the Efficiency Optimizer to an LED String Power Supply and Selecting Resistors
Atmel LED Drivers-MSL2160/MSL2161
16-string, White and RGB LED Drivers with Adaptive Configuration,
EEPROM, and SPI/I2C/SMBus Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com