Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL3085BT Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MSL3085BT
Description  8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3085BT Datasheet(HTML) 2 Page - ATMEL Corporation

  MSL3085BT Datasheet HTML 1Page - ATMEL Corporation MSL3085BT Datasheet HTML 2Page - ATMEL Corporation MSL3085BT Datasheet HTML 3Page - ATMEL Corporation MSL3085BT Datasheet HTML 4Page - ATMEL Corporation MSL3085BT Datasheet HTML 5Page - ATMEL Corporation MSL3085BT Datasheet HTML 6Page - ATMEL Corporation MSL3085BT Datasheet HTML 7Page - ATMEL Corporation MSL3085BT Datasheet HTML 8Page - ATMEL Corporation MSL3085BT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Atmel LED Driver-MSL3085
General Description
The Atmel LED Driver-
MSL3085 compact, high-
power 8 LED strings controller
uses external MOSFETs to sink
up to 350mA per string, with
current accuracy and matching
better than ±1.5%. The
MSL3085 drives eight parallel
strings of LEDs, and offers fault
detection and management of
open and short circuit LEDs.
Atmel LED Driver-MSL3085
8-string White and RGB LED Driver with Adaptive Power
Control, EEPROM, and I2C/SMBus Serial Interface
The MSL3085 features a 1MHz I2C serial interface. The interface supports
video frame-by-frame LED string intensity control for up to eight
interconnected devices, allowing active area dimming and phase shifted
PWM timing for video displays. It includes an advanced PWM engine that
synchronizes LED timing with the video signal for reduced motion blur and
waterfall noise.
The MSL3085 adaptively controls the DC-DC converters that power the LED
strings using patented Atmel Adaptive SourcePower™ technology. These
fault monitored efficiency optimizers minimize power use while maintaining
LED current accuracy, and allow up to eight interconnected devices to
automatically negotiate the optimum power supply voltage.
A unique combination of peak current control and pulse width dimming
management offers simple full-screen brightness control, versatile area
dimming, and a consistent white point. LED string current is set for each
string using a current sense (FET source) resistor. LED current is also digitally
controlled for all eight LED strings. Global string drive pulse width is adjusted
with an 8-bit global intensity register, and individual string pulse width is
modulated with 12-bit control.
The MSL3085 monitors for string open circuit, LED short circuit, loss-of-sync
and over temperature faults, and provides a hardware fault output to notify the
MCU. Detailed fault status and control are available through the serial interface.
Additionally, the MSL3085 includes an on-chip EEPROM that allows the
power-up default register settings to be customized via the serial interface.
The MSL3085 is offered in a 6 x 6 x 0.75mm, 40-pin TQFN package, and
operates over a -40°C to +105°C temperature range.
Applications
Long Life, Efficient LED Backlighting for:
• Televisions and Desktop Monitors
• Medical and Industrial Instrumentation
• Automotive Audio-visual Displays
Channel Signs
Architectural Lighting
Ordering Information
EIGHT-CHANNEL LED STRING DRIVER
PART
INTERFACE
PACKAGE
MSL3085BT
I2C
40-pin, 6 x 6 x 0.75mm TQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com