Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D200LC40B Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D200LC40B
Description  Super Fast Recovery Rectifiers(400V 200A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D200LC40B Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D200LC40B Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D200LC40B Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D200LC40B Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D200LC40B Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D200LC40B Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D200LC40B Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
400V 200A
400V 200A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
OUTLINE DIMENSIONS
Unit : mm
Unit : mm
RATINGS
RATINGS
SHINDENGEN
SHINDENGEN
Case : MODULES
Case : MODULES
D200LC40B
D200LC40B
High current capacity
High current capacity
trr150ns
trr150ns
Insulated Package
Insulated Package
FEATURES
FEATURES
APPLICATION
APPLICATION
Semiconductor Production Equipment
Semiconductor Production Equipment
Big Power Supply
Big Power Supply
Factory Automation, Robot
Factory Automation, Robot
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
Operating Junction Temperature
Tj
150
Maximum Reverse Voltage
V
RM
400
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each arm Io/2, Tc=52℃
200
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Rating of per arm Tj=25℃
1400
A
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
1.5
kV
Mounting Torque
TOR
1.7
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=100A,
Pulse measurement, Rating of per arm
Max.1.3
V
Reverse Current
I
R
VR=VRM,
Pulse measurement, Rating of per arm
Max.50
μA
Reverse Recovery Time
trr
IF=0.5A,  IR=1A,  Rating of per arm
Max.150
ns
Thermal Resistance
θjc
junction to case
Max.0.35 ℃/W
Modules
Modules
Super Fast Recovery Rectifiers
Super Fast Recovery Rectifiers


Similar Part No. - D200LC40B

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D200LC40B SHINDENGEN-D200LC40B_17 Datasheet
387Kb / 4P
Super Fast Recovery Diode
More results

Similar Description - D200LC40B

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D120LC40 SHINDENGEN-D120LC40 Datasheet
380Kb / 6P
Super Fast Recovery Rectifiers(400V 120A)
D20LC40 SHINDENGEN-D20LC40 Datasheet
391Kb / 6P
Super Fast Recovery Rectifiers(400V 20A)
D2L40 SHINDENGEN-D2L40 Datasheet
405Kb / 6P
Super Fast Recovery Rectifiers(400V 2A)
D4L40 SHINDENGEN-D4L40 Datasheet
434Kb / 7P
Super Fast Recovery Rectifiers(400V 4A)
D5LC40 SHINDENGEN-D5LC40 Datasheet
450Kb / 7P
Super Fast Recovery Rectifiers(400V 5A)
D8LC40 SHINDENGEN-D8LC40 Datasheet
542Kb / 8P
Super Fast Recovery Rectifiers (400V 8A)
DE3L40 SHINDENGEN-DE3L40 Datasheet
447Kb / 7P
Super Fast Recovery Rectifiers(400V 3A)
S2L40 SHINDENGEN-S2L40 Datasheet
378Kb / 6P
Super Fast Recovery Rectifiers(400V 1.1A)
S3L40 SHINDENGEN-S3L40 Datasheet
440Kb / 7P
Super Fast Recovery Rectifiers(400V 3A)
SF5LC40 SHINDENGEN-SF5LC40 Datasheet
392Kb / 6P
Super Fast Recovery Rectifiers(400V 5A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com