Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L3GD20TR
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L3GD20TR Datasheet HTML 17Page - STMicroelectronics L3GD20TR Datasheet HTML 18Page - STMicroelectronics L3GD20TR Datasheet HTML 19Page - STMicroelectronics L3GD20TR Datasheet HTML 20Page - STMicroelectronics L3GD20TR Datasheet HTML 21Page - STMicroelectronics L3GD20TR Datasheet HTML 22Page - STMicroelectronics L3GD20TR Datasheet HTML 23Page - STMicroelectronics L3GD20TR Datasheet HTML 24Page - STMicroelectronics L3GD20TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
L3GD20
Digital main blocks
Doc ID 022116 Rev 1
21/44
4.2.6
Retrieve data from FIFO
FIFO data is read through OUT_X (Addr reg 28h,29h), OUT_Y (Addr reg 2Ah,2Bh) and
OUT_Z (Addr reg 2Ch,2Dh). When the FIFO is in Stream, Trigger or FIFO mode, a read
operation of the OUT_X, OUT_Y or OUT_Z registers provides the data stored in the FIFO.
Each time data is read from the FIFO, the oldest pitch, roll and yaw data is placed in the
OUT_X, OUT_Y and OUT_Z registers and both single read and read_burst (X,Y & Z with
auto-incrementing address) operations can be used. When data included in OUT_Z_H
(2Dh) is read, the system restarts to read information from addr OUT_X_L (28h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com