Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D240SC6MH Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D240SC6MH
Description  Schottky Rectifiers (SBD) (60V 240A)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D240SC6MH Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D240SC6MH Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D240SC6MH
60V 240A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
● High capacity modules
● Low VF
● Small θ jc
FEATURES
APPLICATION
● Big switching power supply
● DC/DC converter
Case : Modules
● Mainframe
● IC tester
Schottky Rectifiers (SBD)
Modules
● Built-in fuse
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Units
Storage Temperature
Tstg
-40∼125
℃
Operating Junction Temperature
Tj
125
℃
Maximum Reverse Voltage
V
RM
60
V
Repetitive Peak Surge Reverse Voltage
V
RRSM
Pulse width 100ns, duty 1/100
65
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each arm Io/2, Tc=71℃
240
A
Peak Surge Forward Current
I
FSM
50Hz sine wave, Non-repetitive 1cycle peak value, Rating of per arm Tj=125 ℃
1600
A
Mounting Torque
TOR
1.7
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Units
Forward Voltage
V
F
IF=120A,
Pulse measurement, Rating of per arm
Max.0.67
V
Reverse Current
I
R
VR=VRM, Pulse measurement, Rating of per arm
Max.80
mA
Junction Capacitance
Cj
f=1MHz, VR=10V, Rating of per arm
TYP 4.4
nF
Thermal Resistance
θjc
junction to case
Max.0.23 ℃/W
θcf
case to heatsink, Mounting torque = 1.7N・m
Max.0.12


Similar Part No. - D240SC6MH

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D240SC6M SHINDENGEN-D240SC6M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (60V 240A)
D240SC6M SHINDENGEN-D240SC6M_10 Datasheet
395Kb / 2P
Schottky Barrier Diode
D240SC6M SHINDENGEN-D240SC6M_17 Datasheet
415Kb / 4P
Schottky Barrier Diode
More results

Similar Description - D240SC6MH

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D240SC4M SHINDENGEN-D240SC4M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (40V 240A)
D240SC4MH SHINDENGEN-D240SC4MH Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (40V 240A)
D240SC6M SHINDENGEN-D240SC6M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (60V 240A)
D25SC6MR SHINDENGEN-D25SC6MR Datasheet
543Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
D2FS6 SHINDENGEN-D2FS6 Datasheet
589Kb / 11P
Schottky Rectifiers (SBD) (60V 1.5A)
D5S6M SHINDENGEN-D5S6M Datasheet
696Kb / 11P
Schottky Rectifiers (SBD) (60V 5A)
DE5S6M SHINDENGEN-DE5S6M Datasheet
744Kb / 12P
Schottky Rectifiers (SBD) (60V 5A)
DF25SC6M SHINDENGEN-DF25SC6M Datasheet
533Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
S25SC6M SHINDENGEN-S25SC6M Datasheet
539Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
S60SC6M SHINDENGEN-S60SC6M Datasheet
556Kb / 10P
Schottky Rectifiers (SBD)(60V 60A)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com