Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA1066CSG Datasheet(PDF) 2 Page - E-SWITCH

Part # RA1066CSG
Description  ROCKER SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RA1066CSG Datasheet(HTML) 2 Page - E-SWITCH

  RA1066CSG Datasheet HTML 1Page - E-SWITCH RA1066CSG Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SERIES RA1066
55
Phone: 612-504-3525
Fax: 612-531-8235
www.e-switch.com info@e-switch.com
ROCKER SWITCHES
F
Faston
S
Solder Lug
A
B
C
D
G
F
H
J
K
X
All dimensions in mm.
.5mm
± .005
MARKING OPTIONS
(F) Termination Rating:
(S) Termination Rating:
10A, 125VAC
5A, 250V AC
.75 - 1.25
19.2
(.030)-(.049)
(.756)
1.25 - 2.00
19.4
(.049)-(.079)
(.764)
Panel
‘X’
Thickness
Dim.
A
SPST
Schematic
A
ON
OFF
Term.
2-1
OPEN
Comm.
Circuit
Code
POS 1
POS 2
( ) = Momentar y
C
SPDT
Schematic
C
ON
ON
Term.
2-1
2-3
Comm.
Circuit
Code
POS 1
POS 2
( ) = Momentar y
PANEL MOUNTING
TERMINATION OPTIONS
0.508 (.020) THK terminals designed for Quick
Connect connectors available from AMPIndustries,
Harrisburg, PA 17105. (Or equivalent).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com