Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2F20 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D2F20
Description  General Purpose Rectifiers(200V 1.4A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D2F20 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D2F20 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D2F20 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D2F20 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D2F20 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D2F20 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D2F20
200V 1.4A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Case : 2F
OUTLINE DIMENSIONS
(Unit : mm)
RATINGS
SHINDENGEN
Single
Case : 2F
● Conventional Rectification
● Power source(Power Supply)
● Home Appliances, Office Equipment
● Telecommunication, Factory Automation
APPLICATION
● High reliability with superior moisture
resistance
● Applicable to Automatic Insertion
FEATURES
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
200
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Ta=25℃
On alumina substrate
1.4
A
50Hz sine wave, R-load, Ta=25℃
On glass-epoxy substrate
1.1
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
60
A
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=1.4A,
Pulse measurement
Max.1.05
V
Reverse Current
IR
VR=VRM,
Pulse measurement
Max.10
μA
θjl
junction to lead
Max.24
Thermal Resistance
junction to ambient,
On alumina substrate
Max.90
℃/W
θja
junction to ambient,
On glass-epoxy substrate
Max.120
General Purpose Rectifiers


Similar Part No. - D2F20

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2F OMRON-D2F Datasheet
703Kb / 8P
Snap Action Switch
D2F OMRON-D2F Datasheet
744Kb / 6P
Incorporating a snapping mechanism made with two highly precise split springs that ensures long durability
D2F OMRON-D2F Datasheet
852Kb / 6P
Ultra Subminiature Basic Switch with plenty of terminal variations
D2F-01 OMRON-D2F-01 Datasheet
703Kb / 8P
Snap Action Switch
D2F-01 OMRON-D2F-01 Datasheet
744Kb / 6P
Incorporating a snapping mechanism made with two highly precise split springs that ensures long durability
More results

Similar Description - D2F20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1N20 SHINDENGEN-D1N20 Datasheet
300Kb / 5P
General Purpose Rectifiers(200V 1A)
D2F60 SHINDENGEN-D2F60 Datasheet
277Kb / 5P
General Purpose Rectifiers(600V 1.4A)
D3SB20 SHINDENGEN-D3SB20 Datasheet
298Kb / 6P
General Purpose Rectifiers(200V 4A)
D5SB20 SHINDENGEN-D5SB20 Datasheet
302Kb / 6P
General Purpose Rectifiers(200V 6A)
S1NB20 SHINDENGEN-S1NB20 Datasheet
271Kb / 5P
General Purpose Rectifiers(200V 1A)
S1YB20 SHINDENGEN-S1YB20 Datasheet
282Kb / 5P
General Purpose Rectifiers(200V 0.4A)
S2V20 SHINDENGEN-S2V20 Datasheet
295Kb / 6P
General Purpose Rectifiers(200V 1.7A)
U4SBA20 SHINDENGEN-U4SBA20 Datasheet
319Kb / 6P
General Purpose Rectifiers(200V 4A)
U6SB20 SHINDENGEN-U6SB20 Datasheet
307Kb / 6P
General Purpose Rectifiers(200V 6A)
U6SBA20 SHINDENGEN-U6SBA20 Datasheet
315Kb / 6P
General Purpose Rectifiers(200V 6A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com