Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8AA2A2006 Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # 8AA2A2006
Description  Kotron짰 RF Sensing Probes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA2A2006 Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  8AA2A2006 Datasheet HTML 1Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 2Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 3Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 4Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 5Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 6Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 7Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 8Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
P R O B E
S E L E C T I O N
Probe selection is the most critical part of applying an
RF Capacitance device for a given application. The goal
is to select the probe that will give the optimum capaci-
tance change per unit level change (pF/inch). The first
step in selecting an RF probe is determining the correct
configuration for your application. The following guide-
lines will assist you in this selection.
1. Use bare probes for non-conductive liquids.
2. Use insulated probes for conductive liquids. If you are
uncertain about the conductivity value, use an insulated
probe. Teflon® has the widest temperature range and
material
compatibility.
Kynar®
will
maximize
the
capacitance change.
3. Use
a
probe
with
an
integral
ground
reference
(Reference Probe) when measuring non-conductive
fluids in horizontal vessels, non-conductive liquids
where the probe will be mounted more than 12" (30 cm)
from the vessel wall, or when measuring any liquid in
non-metallic vessels. The stillwell probe is the most
common. If the application requires “no metal” in the
process; or, if the liquid is too viscous for a stillwell,
use the reference rod probe. The reference wire probe
should
only
be
used
in
clean,
conductive,
non-coating applications.
4. Use a flexible (cable) probe when the measurement
range is greater than 10 feet (3 meters). Rigid (rod)
probes are available up to 234 inches (6 meters) in
length, but they are sometimes difficult to handle and
can be damaged during installation.
5. Use
an
inactive
sheath
probe
when
mounting
horizontally through a nozzle.
3
R I G I D
P R O B E S
Rigid probes consist of a process connection, probe rod,
and the seal. The rod may take many forms, depending
on the application. The following is a description of some
of the more common rigid probe styles:
Bare probes
Bare rod probes are typically used in non-conductive
process media with a dielectric value less than 10
or a conductivity value less than
10
µsiemens/in.
Capacitance is measured from the probe through the
process media to the vessel wall.
Insulated probes
Insulated rod probes are used in conduc-
tive
process
media
with a dielectric
value greater than 10 or a conductivity
value greater than
10
µsiemens/in.
Capacitance
is
typically measured
from
the probe rod through the insulation to
the process media, which is at the same
potential as the vessel wall for conductive
media. Probes are insulated with Teflon®,
Halar®, or Kynar®. When you are uncertain
about
the
dielectric
constant
of
your
process media, insulated
probes
are
a
wise choice.
Inactive sheath probes
An inactive sheath is a metallic tube that is tightly cou-
pled to the insulation on the probe rod and attached
to the process connection. The sheath “deadens” the
portion of the probe covered. It is used when a
false capacitance
could
be
developed by
interfer-
ence, such as:
• Collection of debris in a nozzle when
the probe is horizontally mounted
• Falling process media entering the vessel
• Use with Retractable Probe Assembly (Hot Tap)
Probe rod
Insulation
Probe rod
Insulation
Sheath
Bare
Probe
Insulated
Probe
Inactive Sheath
Probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com