Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

818012322 Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # 818012322
Description  RF Point Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

818012322 Datasheet(HTML) 7 Page - Magnetrol International, Inc.

Back Button 818012322 Datasheet HTML 3Page - Magnetrol International, Inc. 818012322 Datasheet HTML 4Page - Magnetrol International, Inc. 818012322 Datasheet HTML 5Page - Magnetrol International, Inc. 818012322 Datasheet HTML 6Page - Magnetrol International, Inc. 818012322 Datasheet HTML 7Page - Magnetrol International, Inc. 818012322 Datasheet HTML 8Page - Magnetrol International, Inc. 818012322 Datasheet HTML 9Page - Magnetrol International, Inc. 818012322 Datasheet HTML 10Page - Magnetrol International, Inc. 818012322 Datasheet HTML 11Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
50-605 Kotron RF Point Model 80/81 Level Switches
4
2.4
Vertical Mounting
Vertically mounted probes provide the capability to adjust
the control point up or down a section of probe rod by
means of calibration adjustments within the unit’s amplifier.
The vertical mounting of a probe rod is the preferred
method for application involving coating conductive type
liquids or conductive solids.
Vertically mounted probes should be installed so that the
end of the probe rod is at least 2 inches (51 mm) below
the desired level control point with conductive materials or
4 inches (102 mm) below with non-conductive materials.
Refer to Figure 5.
2.5
Mounting Procedure
Kotron RF Point Level Switches with probes up to and
including 12 inches (305 mm) in length are shipped pre-
assembled. Units with probes over 12 inches (305 mm) in
length are shipped unassembled to avoid damage during
transit. They must be assembled before mounting. Follow
the mounting procedure for your particular case.
NOTE: Before beginning mounting procedures, make sure the power
source to the unit is turned off.
2.5.1 Integral Mount with Rigid Probe
1. Thread probe into mounting bushing on tank.
2. Tighten securely, being certain that the wrench is applied
ONLY to the lower probe nut.
3. Screw the amplifier housing onto the probe.
5. Remove housing cover.
6. Locate the white wire which is fastened to the (+) Probe
Terminal. Connect the free end of this wire to the Probe
Connection Screw.
7. Proceed to Section 2.7, Wiring on page 8.
Figure 5
Recommended Vertical Mounting
Packing Gland Nut
(When installing, use
wrench on this nut only)
Probe Connection Screw
Figure 6
Rigid Probe Assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com