Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

082-8113-404 Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # 082-8113-404
Description  RF Level Transmitter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

082-8113-404 Datasheet(HTML) 7 Page - Magnetrol International, Inc.

Back Button 082-8113-404 Datasheet HTML 3Page - Magnetrol International, Inc. 082-8113-404 Datasheet HTML 4Page - Magnetrol International, Inc. 082-8113-404 Datasheet HTML 5Page - Magnetrol International, Inc. 082-8113-404 Datasheet HTML 6Page - Magnetrol International, Inc. 082-8113-404 Datasheet HTML 7Page - Magnetrol International, Inc. 082-8113-404 Datasheet HTML 8Page - Magnetrol International, Inc. 082-8113-404 Datasheet HTML 9Page - Magnetrol International, Inc. 082-8113-404 Datasheet HTML 10Page - Magnetrol International, Inc. 082-8113-404 Datasheet HTML 11Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
50-613 Kotron Series 82 CE RF Level Transmitter
4
2. Install the transmitter housing using the bracket (supplied
by Magnetrol). Make sure to provide adequate clearance
to remove the housing cover. Refer to Figure 3 on page 3.
3. Remove the transmitter housing cover. Connect the posi-
tive lead of the interconnection cable to the (+) probe
terminal. Connect the negative lead and shield to the (–)
probe terminal. Refer to Figure 3 on page 3.
4. Proceed to Wiring, Section 1.6.
1.5.2 Flexible Probe
Caution: Flexible probes are shipped with the cable clamp and the
packing gland nut hand tightened to permit length adjust-
ment in the field. The cable clamp and packing gland nut
must be tightened before use. The end of a flexible probe
MUST be kept taut by attaching the anchor end at the
bottom of the vessel or by using a Magnetrol supplied
probe weight.
Caution: Do not discard the Mylar housing insulator.
Caution: The probe cable must not be in contact with any metallic
surface in its final installation position.
1. Attach the weight or anchor assembly to the end of the
probe. Insert the probe through the vessel’s mounting con-
nection and feed the cable into the vessel. Do not allow
the probe to scrape against the connection threads.
2. Secure the anchor assembly (if used) to the bottom of
the vessel.
3. Apply thread sealant to the mounting nut. Screw the
mounting nut into the mounting connection until tight.
4. Remove the Mylar housing insulator located over the
clamp. DO NOT DISCARD. Refer to Figure 4.
5. Loosen both socket head screws from the clamp. Pull the
clamp and Teflon retaining bushing off of the probe.
6. While holding on to the probe cable, loosen the upper
packing gland nut. DO NOT ALLOW THE PROBE
CABLE TO FALL INTO THE VESSEL.
7. Pull the excess cable up through the packing gland nut
until the cable is taut. Tighten the packing gland nut.
8. Cut the cable 1.35 inches (34mm) above the packing
gland nut and strip off 1.25 inches (32mm) of insulation.
9. Slide the Teflon retaining bushing onto the cable and seat
it into the packing gland nut. Slide the clamp onto the
cable and seat it against the Teflon retaining bushing.
Probe
Terminal
Transmitter
Housing
Probe
Housing
Shielded Twisted
Pair
Probe
Connection
Screw
Packing
Gland
Nut
Conduit Supplied
By User
Rigid or
Flexible
Probe
Conduit
connection
Shielded
Twisted
Pair
Mounting
Bracket
Figure 4
Side View Remote Mount Models
w/Rigid or Flexible Probe
ECTFE Flexible Probe
MYLAR
INSULATOR
PROBE WIRE SCREW
CLAMP
SET SCREW
SEAL
FLARE
3/8 16
UNC 2B
PROBE
CABLE
CLAMP
RETAINING
BUSHING
UPPER
MOUNTING NUT
HALF
LOWER
MOUNTING NUT
HALF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com