Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SBA60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D2SBA60
Description  General Purpose Rectifiers(600V 1.5A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D2SBA60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D2SBA60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D2SBA60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D2SBA60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D2SBA60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D2SBA60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D2SBA60
600V 1.5A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
● Switching power supply
● Home Appliances, Office Equipment
● Telecommunication, Factory Automation
APPLICATION
● Thin Single In-Line Package
● High IFSM
● Applicable to Automatic Insertion
FEATURES
Case : 2S
General Purpose Rectifiers
SIL Bridges
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, On glass-epoxy substrate, Ta=25℃
1.5
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25℃
60
A
Current Squared Time
I2t
1ms≦t<10ms Tj=25℃
16
A2s
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
V
F
IF=0.75A, Pulse measurement, Rating of per diode
Max.1.05
V
Reverse Current
I
R
V
R=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
Thermal Resistance
θjl
junction to lead
Max.10
℃/W
θja
junction to ambient
Max.47


Similar Part No. - D2SBA60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2SBA60 SHINDENGEN-D2SBA60_17 Datasheet
557Kb / 4P
Single In-line Package
More results

Similar Description - D2SBA60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1F60 SHINDENGEN-D1F60 Datasheet
322Kb / 6P
General Purpose Rectifiers(600V 1A)
D1N60 SHINDENGEN-D1N60 Datasheet
300Kb / 5P
General Purpose Rectifiers(600V 1A)
D2SB20 SHINDENGEN-D2SB20 Datasheet
271Kb / 5P
General Purpose Rectifiers(200V 1.5A)
D2SB60 SHINDENGEN-D2SB60 Datasheet
272Kb / 5P
General Purpose Rectifiers(600V 1.5A)
D2SB60L SHINDENGEN-D2SB60L Datasheet
318Kb / 5P
General Purpose Rectifiers(600V 1.5A)
D2SB80 SHINDENGEN-D2SB80 Datasheet
272Kb / 5P
General Purpose Rectifiers(800V 1.5A)
D2SBA20 SHINDENGEN-D2SBA20 Datasheet
271Kb / 5P
General Purpose Rectifiers(200V 1.5A)
logo
Shenzhen Luguang Electr...
FM151 LUGUANG-FM151 Datasheet
400Kb / 2P
1.5A Surface Mount General Purpose Rectifiers
logo
Chip Integration Techno...
BGP154W1-F CITC-BGP154W1-F Datasheet
459Kb / 3P
1.5A Surface Mount General Purpose Rectifiers
GR1505 CITC-GR1505 Datasheet
145Kb / 3P
1.5A Leaded Type General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com